Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1393117-0 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part No. 9-1393117-0
Description  Sockets available for panel, DIN rail or PCB mounting
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 5 page
background image
General Purpose Relays
Industrial Relays
KUP Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
5
Potter & Brumfield
Product Code Arrangement
Material
Coil
Terminals
Mounting
Part Number
KUP-5A15-24
1 form C, 1 CO
AgCdO
24VAC
4.75mm (.187in) QC
Socket mount, plain case
6-1393118-0
KUP-5A15-120
120VAC
5-1393119-9
KUP-5A15-240
240VAC
6-1393118-1
KUP-5A55-120
120VAC
Bracket mount case
6-1393118-3
KUP-5D15-12
12VDC
Socket mount, plain case
6-1393118-6
KUP-5D15-24
24VDC
6-1393118-7
KUP-5D55-12
12VDC
Bracket mount case
7-1393118-0
KUP-5D55-24
24VDC
7-1393118-1
KUP-11A11-120
2 form C, 2 CO
Ag
120VAC
Socket mount, plain case
1-1393117-7
KUP-11A15-12
AgCdO
12VDC
1-1393117-8
KUP-11A15-24
24VAC
2-1393117-1
KUP-11A15-120
120VAC
1-1393117-9
KUP-11A15-240
240VAC
2-1393117-2
KUP-11A35-120
120VAC
Socket mount case w/ indicator lamp
2-1393117-5
KUP-11A55-24
24VAC
Bracket mount case
3-1393117-0
KUP-11A55-120
120VAC
2-1393117-9
KUP-11AT5-120
Top flange case
1-1393117-4
KUP-11D11-24
Ag
24VDC
Socket mount, plain case
4-1393117-2
KUP-11D15-5
AgCdO
5VDC
4-1393117-8
KUP-11D15-12
12VDC
4-1393117-4
KUP-11D15-24
24VDC
4-1393117-5
KUP-11D15-36
36VDC
4-1393117-6
KUP-11D15-110
110VDC
4-1393117-3
KUP-11D35-24
24VDC
Socket mount case w/ indicator lamp
5-1393117-3
KUP-11D55-6
6VDC
Bracket mount case
6-1393117-0
KUP-11D55-12
12VDC
5-1393117-6
KUP-11D55-24
24VDC
5-1393117-8
KUP-11D55-48
48VDC
5-1393117-9
KUP-11D55-110
110VDC
5-1393117-5
KUP-14A11-120
3 form C, 3 CO
Ag
120VAC
Socket mount, plain case
7-1393117-3
KUP-14A15-12
AgCdO
12VAC
7-1393117-7
KUP-14A15-24
24VAC
7-1393117-9
KUP-14A15-120
120VAC
7-1393117-8
KUP-14A15-240
240VAC
8-1393117-0
KUP-14A25-120
120VAC
Socket mount w/ test button
8-1393117-3
KUP-14A35-120
Socket mount w/ indicator lamp
8-1393117-7
KUP-14A35-240
240VAC
8-1393117-9
KUP-14A35F-120
AgCdO w/ Au flash 120VAC
9-1393117-0
KUP-14A45-120
AgCdO
Socket mount w/ test button, indicator lamp
9-1393117-4
KUP-14A55-24
24VAC
Bracket mount case
1393118-2
KUP-14A55-120
120VAC
9-1393117-9
KUP-14A55-240
240VAC
1393118-3
KUP-14D11-24
Ag
24VDC
Socket mount, plain case
1-1393118-0
KUP-14D15-6
AgCdO
6VDC
1-1393118-8
KUP-14D15-12
12VDC
1-1393118-3
KUP-14D15-24
24VDC
1-1393118-4
KUP-14D15-48
48VDC
1-1393118-7
KUP-14D15-110
110VDC
1-1393118-2
KUP-14D25-24
24VDC
Socket mount w/ test button
2-1393118-3
KUP-14D35-24
Socket mount w/ indicator lamp
2-1393118-7
KUP-14D35-110
110VDC
2-1393118-6
KUP-14D35F-110
AgCdO w/ Au flash
2-1393118-9
KUP-14D45-110
AgCdO
Socket mount w/ test button, indicator lamp
3-1393118-1
KUP-14D55-12
12VDC
Bracket mount case
3-1393118-7
KUP-14D55-24
24VDC
3-1393118-8
KUP-17A19-120
4 form C, 4 CO
120VAC 2.79mm (.110in) QC
Socket mount, plain case
4-1393118-2
KUP-17A55-24
24VAC
Bracket mount case
4-1393118-6
KUP-17D19-24
24VDC
Socket mount, plain case
5-1393118-0
KUP-17D55-24
24VDC
Bracket mount case
5-1393118-3




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl