Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1393117-0 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part No. 9-1393117-0
Description  Sockets available for panel, DIN rail or PCB mounting
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 4 page
background image
General Purpose Relays
Industrial Relays
KUP Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
Potter & Brumfield
Product code structure
Typical product code
KUP
-14
A
1
5
-120
Type
KU
Open style relay
KUP Enclosed relay
Contact arrangement
1
1 form A (1 NO)
3
1 form X (1 NO-DM)
5
1 form C (1 CO)
7
2 form A (2 NO)
11 2 form C (2 CO)
12 3 form A (3 NO)
14 3 form C (3 CO)
17 4 form C (4 CO)
Coil Input
A AC, 50/60Hz
D DC
Mounting and options
KU
1
#6-32 mounting stud, 5.54mm (.218in) locating tab
3
#6-32 tapped core, 3.18mm (.125in) locating tab
4
#6-32 tapped core, 5.54mm (.218in) locating tab
5
#6-32 tapped core, no locating tab
KUP
1
Socket mount (plain) case
2
Socket mount (plain) case with push-to-test button 1)
3
Socket mount (plain) case with indicator lamp 2)
4
Socket mount (plain) case with indicator lamp and push-to-test button 1) 2)
5
Bracket mount case
A Plain case with #6-32 stud and locating tab
E Plain case with #6-32 tapped core and locating tab
T
Top flange case 1)
1) Not available with four pole models (Contact arrangement 17).
2) Indicator lamps are available on models with the following coils: 6-24VAC and VDC, 110VDC and 120-240VAC.
Only models with 120-240VAC coils are UL recognized.
Terminal and contact material
1 and 2 pole models
1
4.75mm (.187in) quick connect/solder; Ag, 5A
3
1.19mm (.047in) PCB; Ag, 5A
5
4.75mm (.187in) quick connect/solder; AgCdO, 10A
7
1.19mm (.047in) PCB; AgCdO, 10A
J
6.35mm (.250in) quick connect/solder; Ag, 5A
K 6.35mm (.250in) quick connect/solder; AgCdO, 10A
P 4.75mm (.187in) quick connect/solder; AgSnOInO, 10A
S 1.19mm (.047in) PCB, AgSnOInO; 10A
W 6.35mm (.250in) quick connect/solder; AgSnOInO, 10A
3 pole models
1
4.75mm (.187in) quick connect/solder; Ag, 5A
3
1.19mm (.047in) PCB; Ag, 5A
5
4.75mm (.187in) quick connect/solder; AgCdO, 10A
7
1.19mm (.047in) PCB; AgCdO, 10A
P 4.75mm (.187in) quick connect/solder; AgSnOInO, 10A
S 1.19mm (.047in) PCB, AgSnOInO; 10A
4 pole models
1
4.75mm (.187in) quick connect/solder; Ag, 5A 3)
3
1.19mm (.047in) PCB; Ag, 5A
4
2.79mm (.110in) quick connect/solder; Ag, 5A
5
4.75mm (.187in) quick connect/solder; AgCdO, 10A 3)
7
1.19mm (.047in) PCB; AgCdO, 10A
9
2.79mm (.110in) quick connect/solder; AgCdO, 10A
P 4.75mm (.187in) quick connect/solder; AgSnOInO, 10A 3)
S 1.19mm (.047in) PCB, AgSnOInO; 10A
U 2.79mm (.110in) quick connect/solder; AgSnOInO, 10A 2)
3) 4 pole KUP with 4.75mm (.187in) terminals will not plug into sockets. Must use 2.79mm (.110) terminals for socket mounting.
Au flashed contact option
Leave Blank No Au flashing on contacts
F
Optional Au flashing on contacts
Coil voltage
Coil code: please refer to coil versions table
PCB layout
Bottom view on solder pins
1 form X version
3 pole version
4 pole version
(Omit unnecessry holes for
form A and 2 pole types)
.875
(22.23)
.626
(15.90)
.076 DIA. TYP.
(1.93)
.626
(15.90)
.328
(8.33)
.437
(11.10)
.875
(22.23)
.076 DIA. TYP.
(1.93)
.206
(5.23)
.328
(8.33)
.510
(12.95)
.170
(4.32)
.076 DIA. TYP.
(1.93)
.626
(15.90)
.340
(8.64)
1.020
(25.91)
.206
(5.23)




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl