Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4-1393146-5 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part No. 4-1393146-5
Description  Plug-in version, PCB terminals, chassis- or DIN-rail mount
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 3 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
Industrial Relays
Power Relay RM 2/3/7 (Continued)
Dimensions
Plain cover, plug-in version
PCB version
Cover with mounting brackets, 6.3mm quick connect (4.8mm available)
Cover with DIN-snap-on attachement (6.3mm quick connect only)
horizontal
vertical
S0298-BC
S0298-BE
S0298-BB
S0298-BA
S0298-BD
Product code structure
Typical product code
RM
7
0
2
730
Type
RM Power Relay RM 2/3/7
Contact arrangement
2
2 form C contacts (2 CO contacts), 16A
7
3 form C contacts (3 CO contacts), 16A
3
3 form C contacts (3 CO contacts), 10A
Version
0
AgCdO, without test button
3
AgCdO, with test button
2
AgNi 90/10, without test button
7
AgNi 90/10, with test button
Enclosure
2
Plain cover, 4.8mm quick connect terminals
3
Cover with mounting brackets, 4.8mm quick connect terminals
5
Cover with mounting brackets, 6.3mm quick connect terminals
7
PCB version
8
Cover with DIN-snap-on attachment, horizontal, 6.3mm quick connect terminals
9
Cover with DIN-snap-on attachment, vertical, 6.3mm quick connect terminals
Coil
Coil code: please refer to coil versions table




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl