Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4-1393146-2 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part No. 4-1393146-2
Description  Plug-in version, PCB terminals, chassis- or DIN-rail mount
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 2 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
Industrial Relays
Power Relay RM 2/3/7 (Continued)
Other Data
RM2
RM3
RM7
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
for mounting/handling
-20 to 40°C
in operation
DC coil
-40 to 70°C -40 to 70°C -40 to 60°C
AC coil
-40 to 60°C -40 to 55°C -40 to 50°C
Cold storage, IEC 60068-2-1
16h/-40°C
Dry heat, IEC 60068-2-2
16h/+85°C
Damp heat cyclic, IEC 60068-2-30, Db, Variant 112/12h +25/+55°C
Category of environmental protection
IEC 61810
RTI - dust protected
Vibration resistance (functional)
form A (NO)/form B (NC)
5/2g
5/2g
12/4g
Terminal type
PCB-THT, plug-in,
quick-connect
Cover retention, pull/push force
100/100N
Weight
81g
Resistance to soldering heat THT
IEC 60068-2-20
270°C/10s
Packaging unit
10/25 pcs.
Accessories
For details see datasheet
Accessories Power Relay RM
Note: indicated contact ratings and electrical endurance data for direct
wiring of relays (according IEC 61810-1); for relays mounted on sockets
deratings may apply.
Coil Data (continued)
Coil versions, AC coil
Coil code
Rated
Operate
Release
Coil
Rated coil
STD
LED
voltage
voltage
voltage
resistance
power
50/60Hz
50/60Hz
50/60Hz
VAC
VAC
VAC
Ω±10%1)2)
VA
Coil versions, AC-coil, RM2, RM3
506
R06
6
4.8/5.1
1.8
5.3
2.29/1.98
512
R12
12
9.6/10.2
3.6
24
2.19/1.86
524
R24
24
19.2/20.4
7.2
86
2.26/ 1.95
548
R48
48
38.4/40.8
14.4
345
2.28/1.97
560
R60
60
48.0/51.0
18.0
544
2.27/1.96
615
S15
115
92.0/97.8
34.5
2000
2.37/2.00
730
T30
230
184.0/195.5
69.0
83001)
2.32/ 1.96
900
V00
400
320.0/340.0 120.0
275002)
2.31/1.96
Coil versions, AC-coil, RM7
506
R06
6
4.8/5.1
1.8
4.7
2.86/2.36
512
R12
12
9.6/10.2
3.6
19.5
2.71/2.27
524
R24
24
19.2/20.4
7.2
80
2.62/2.00
548
R48
48
38.4/40.8
14.4
320
2.60/2.17
560
R60
60
48.0/51.0
18.0
500
2.62/2.20
615
S15
115
92.0/97.8
34.5
1850
2.65/2.22
730
T30
230
184.0/195.5
69.0
7500
2.69/ 2.26
900
V00
400
320.0/340.0 120.0
235002)
2.61/2.20
1) Coil resistance ±12%, 2) Coil resistance ±15%
All figures are given for coil without pre-energization, at ambient temperature +23°C
Insulation Data
RM2
RM3
RM7
Initial dielectric strength
between open contacts
1500Vrms
1500Vrms
1500Vrms
between contact and coil
2500Vrms
2500Vrms
2500Vrms
between adjacent contacts
2500Vrms
2500Vrms
2500Vrms
Initial surge withstand voltage
between contact and coil
5000V
4000V
4000V
Clearance/creepage
between contact and coil
≥4.0/14.9mm
between adjacent contacts
≥6.1/7.3mm
Material group of insulation parts
IIIa
PCB layout / terminal assignment
Bottom view on pins
3 form C (CO) contacts
2 form C (CO) contacts
S0269-AA
S0269-AB
S0269-AD




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl