Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4-1393147-3 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part No. 4-1393147-3
Description  Mechanical indicator
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 3 page
background image
3
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Panel/Plug-in Relays
Power Relay RM 8 (Continued)
Product code
Contacts
Version
Enclosure
Coil
Coil
Part number
RM805024
2 form C,
Without
Mounting brackets
DC-coil
24VDC
2-1393844-7
RM805524
2 CO contacts
test button
quick c. 6.3 mm
AC-coil
24VAC
2-1393147-9
RM805615
25 A
115VAC
3-1393147-1
RM805730
230VAC
3-1393147-3
RM808024
DIN-snap-on
DC-coil
24VDC
2-1393844-9
RM808524
horizontal
AC-coil
24VAC
3-1393147-7
RM808730
230VAC
5-1393149-7
RM809024
DIN-snap-on
DC-coil
24VDC
5-1393149-8
RM809615
vertical
AC-coil
115VAC
3-1393147-8
RM809730
230VAC
3-1393147-9
RM835024
With
mounting brackets
DC-coil
24VDC
4-1393147-1
RM835524
test button
quick c. 6.3 mm
AC-coil
24VAC
4-1393147-3
RM835615
115VAC
4-1393147-4
RM835730
230VAC
4-1393147-6
RM838024
DIN-snap-on
DC-coil
24VDC
4-1393147-8
RM838524
horizontal
AC-coil
24VAC
5-1393147-0
RM838730
230VAC
5-1393147-1
RM839024
DIN-snap-on
DC-coil
24VDC
5-1393147-4
RM839524
vertical
AC-coil
24VAC
5-1393147-5
RM839730
230VAC
5-1393147-6
Product code structure
Typical product code
RM
8
0
9
024
Type
RM Power relay RM8
Contact configuration
8
2 form C contacts (2 CO), 25A
Version
0
AgCdO, without test button
3
AgCdO, with test button
2
AgNi90/10, without test button
7
AgNi90/10, with test button
Enclosure
5
cover with mounting brackets, 6.3mm quick connect terminals
8
cover with DIN-snap-on attachment, horizontal, 6.3mm quick connect terminals
9
cover with DIN-snap-on attachment, vertical, 6.3mm quick connect terminals
Coil
Coil code: please refer to coil versions table




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl