Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1393149-9 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part No. 9-1393149-9
Description  Plug-in version, PCB terminals, chassis or DIN rail mount
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 4 page
background image
4
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Panel/Plug-in Relays
Power Relay RM 5/6/B 3mm (Continued)
Product key
Contacts
Cont. material
Version
Enclosure
Coil
Coil
Part number
RM502024
2 form A,
AgCdO
Without
Plain cover
DC coil
24VDC
6-1393146-1
RM502524
2 NO contacts
AgCdO
test button
QC 4.8mm
AC coil
24VAC
6-1393146-2
RM502615
16A
AgCdO
without
115VAC
6-1393146-3
RM502730
AgCdO
mech. indicator
230VAC
6-1393146-4
RM503024
AgCdO
Mounting brackets
DC coil
24VDC
8-1393148-0
RM503615
AgCdO
quick c. 4.8mm
AC coil
115VAC
6-1393146-5
RM505024
AgCdO
Mounting brackets
DC coil
24VDC
8-1393148-3
RM525012
AgNi
Mounting brackets
DC coil
12VDC
5-1415544-6
RM505615
AgCdO
QC 6.3mm
AC coil
115VAC
6-1393146-6
RM505730
AgCdO
230VAC
9-1393149-9
RM507024
AgCdO
PCB version
DC coil
24VDC
1393844-1
RM507524
AgCdO
AC coil
24VAC
5-1415008-1
RM507615
AgCdO
115VAC
6-1415015-1
RM507730
AgCdO
230VAC
1415008-1
RM535024
AgCdO
With test button
Mounting brackets
DC coil
24VDC
7-1393146-2
RM535524
AgCdO
w/o mech.indicator
QC 6.3mm
AC coil
24VAC
9-1393148-0
RM602024
3 form A,
AgCdO
Without
Plain cover
DC coil
24VDC
1393844-4
RM602615
3 NO contacts
AgCdO
test button
QC 4.8mm
AC coil
115VAC
9-1393148-7
RM605730
10A
AgCdO
without
Mount.br. q.c.6.3
230VAC
7-1393146-6
RM607024
AgCdO
mech. indicator
PCB version
DC coil
24VDC
1393844-6
RM607524
AgCdO
AC coil
24VAC
7-1393146-8
RM607615
AgCdO
115VAC
8-1415015-1
RM607730
AgCdO
230VAC
7-1393146-9
RM632024
AgCdO
With
Plain cover
DC coil
24VDC
8-1393146-0
RM632730
AgCdO
test button
QC 4.8mm
AC coil
230VAC
1393149-7
RM635024
AgCdO
without
Mount.br.QC 6.3
DC coil
24VDC
7-1393107-7
RM637024
AgCdO
mech. indicator
PCB version
24VDC
1393149-9
RMB07024
3 A (NO) cont. 16A
AgCdO
W/o test, indicator
24VDC
2-1415543-7
RMB07012
3 A (NO) cont. 16A
AgCdO
W/o test, indicator
12VDC
1-1415545-6




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl