Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1393116-0 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part No. 9-1393116-0
Description  Optional indicator lamp and push-to-test button
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 4 page
background image
4
03-2015, Rev. 0315
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
Panel/Plug-in Relays
KUMP Series Panel Plug-in Relay (Continued)
Product Code
Arrangement
Material
Coil
Terminals
Mounting
Part Number
KUMP-11A18-24
2 form C; 2 CO
AgCdO
24 VAC
4.75mm (.187in) QC
Socket mount, plain case
6-1393116-3
KUMP-11A18-120
120 VAC
6-1393116-2
KUMP-11A18-240
240 VAC
6-1393116-4
KUMP-11D18-12
12 VDC
7-1393116-1
KUMP-11D18-24
24 VDC
7-1393116-2
KUMP-11D18-110
110 VDC
7-1393116-0
KUMP-14A18-24
3 form C, 3 CO
24 VAC
8-1393116-5
KUMP-14A18-120
120 VAC
8-1393116-4
KUMP-14D18-12
12 VDC
9-1393116-0
KUMP-14D18-24
24 VDC
9-1393116-1
Product code structure
Typical product code
KUMP -11
A
1
8
-120
Type
KUM 15A open style relay
KUMP 15A enclosed relay
Contact arrangement
1
1 form A (1 NO)
2
1 form B (1 NC)
3 1 form X (1 NO-DM)
4
1 form Y (1 NC-DB)
5
1 form C (1 CO)
6 1 form Z (1 CO-DB-DM)
7
2 form A (2 NO)
8
2 form B (2 NC)
11 2 form C (2 CO)
12 3 form A (3 NO)
13 3 form B (3 NC)
14 3 form C (3 CO)
Coil Input
A AC, 50/60Hz
D DC
Mounting and options
KUM
1
#6-32 mounting stud, 5.54mm (.218in) locating tab
2
2-hole bracket, #6-32 tapped
3
#6-32 tapped core, 3.18mm (.125in) locating tab
4
#6-32 tapped core, 5.54mm (.218in) locating tab
5
#6-32 tapped core, no locating tab
KUMP
1
Socket mount (plain) case
2
Socket mount (plain) case with push-to-test button
3
Socket mount (plain) case with indicator lamp1)
4
Socket mount (plain) case with indicator lamp and push-to-test button1)
5
Bracket mount case
6
Bracket mount case with push-to-test button
7
Bracket mount case with indicator lamp1)
8
Bracket mount case with indicator lamp and push-to-test button1)
9
Plain case with #6-32 stud and locating tab on end of case
A Plain case with #6-32 stud and locating tab
B Plain case with #6-32 stud and locating tab, push-to-test button
C Plain case with #6-32 stud and locating tab, indicator lamp1)
D Plain case with #6-32 stud and locating tab, push-to-test button and indicator lamp1)
E Plain case with #6-32 tapped core and locating tab
F
Plain case with #6-32 tapped core and locating tab, push-to-test button
G Plain case with #6-32 tapped core and locating tab, indicator lamp1)
H Plain case with #6-32 tapped core and locating tab, push-to-test button and indicator lamp1)
T
Top flange case
1) Indicator lamps are available on models with the following coils: 6-24VAC and VDC, 110VDC and 120-240VAC.
Only models with 120-240VAC coils are UL recognized.
Terminal and contact material
6
5.21mm (.205in) quick connect/solder; AgCdO
8
4.75mm (.187in) quick connect/solder; AgCdO
9
1.19mm (.047in) PCB, AgCdO
G 6.35mm (.250in) quick connect/solder; AgCdO 2)
R 5.21mm (.205in) quick connect/solder; AgSnOInO
T
4.75mm (.187in) quick connect/solder; AgSnOInO
U 1.19mm (.047in) PCB, AgSnOInO
V 6.35mm (.250in) quick connect/solder; AgSnOInO 2)
2) 6.35mm (.250in) quick connect/solder terminals are not available on 3 pole relays
Coil voltage
Coil code: please refer to coil versions table




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl