Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1393114-0 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part No. 9-1393114-0
Description  Side flange and top flange mounting
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 3 page
background image
3
09-2014, Rev. 0914
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
Panel/Plug-in Relays
KUHP Series Panel Relay (Continued)
Product Code
Arrangement
Mounting
Coil
Terminals
Part Number
KUHP-5DT1-12
1 form C, 1 CO
top flange
12VDC
.250“ quick connect
8-1393114-7
KUHP-5DT1-24
24VDC
8-1393114-8
KUHP-5D51-24
bracket
9-1393114-1
KUHP-5D51-12
12VDC
9-1393114-0
KUHP-5A51-24
24VAC
8-1393114-5
KUHP-5A51-120
120VAC
8-1393114-4
KUHP-5AT1-120
top flange
8-1393114-1
KUHP-11A51-24
bracket
24VAC
7-1393114-0
KUHP-11A51-240
2 form C, 2 CO
240VAC
7-1393114-1
KUHP-11AT1-120
top flange
120VAC
6-1393114-5
KUHP-11DT1-24
24VDC
7-1393114-3
KUHP-11D51-12
bracket
12VDC
7-1393114-7
KUHP-11D51-24
24VDC
7-1393114-8
KUHP-11DT1-12
top flange
12VDC
7-1393114-2
Product code structure
Typical product code
KUHP 11
A
5
1
-120
Type
KUHP Enclosed Panel Plug-in Relay, 20/30A
KUH Open Panel Plug-in Relay 20/30A
Contact arrangement and rating
1
1 form A (NO); 30A
7
2 formA (NO); 20A
2
1 form B (NC); 30A
8
2 form B (NC); 20A
5
1 form C (CO); 30A
11 2 form C (CO); 20A
Coil Input
A AC, 50/60Hz
D DC
Mountings
KUHP options
KUH options
1
Plain case
1
#6-32 stud, 0.218“ locating tab
5
Bracket mount case
4
#6-32 tapped core, 0.218“ locating tab
T
Top flange mount case
Terminals and contact materials
1
.250“ (6.35mm) quick connect/solder; silver-cadmium oxide
7
.047“ (1.19mm) printed circuit; silver-cadmium oxide
P .250“ quick connect/solder; silver tin oxide indium oxide
S .047“ printed circuit; silver tin oxide indium oxide
Coil voltage
Coil code: please refer to coil versions table




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl