Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1393114-0 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part No. 9-1393114-0
Description  Side flange and top flange mounting
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 2 page
background image
2
09-2014, Rev. 0914
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
Panel/Plug-in Relays
KUHP Series Panel Relay (Continued)
804
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Plain Case
Top Flange Enclosure
1.968 MAX.
(49.99)
1.406
(35.71)
1.531 MAX.
(38.89)
.178 TYP.
(4.52)
1.496 ± .015
(38.05 ± .38)
1.875 ± .0 05
(47.63 ± .13)
2.382 MAX.
(60.50)
1.393 MAX.
(35.38)
.138 TYP.
(3.51)
2.461 MAX.
(62.51)
Terminal Dimensions
.250" (6.35mm) Quick
Printed Circuit
Connect/Solder
Wiring Diagrams
PC Board Layouts (Bottom Views)
2.500
(63.50)
.75
(19.05)
2.90 MAX.
(73.66)
.078 R.TYP.
(1.98)
1.968 MAX.
(49.99)
.375
(9.53)
1.531 MAX.
(38.89)
.312 TYP.
(7.92)
.625 TYP.
(15.88)
.437
(11.10)
.06
(1.52)
.07
(1.78)
1.406 MAX.
(35.71)
.125 DIA.
(3.18)
.035
(.89)
.250 ± .0 03
(6.35 ± .08)
HEADER
.305
(7.75)
.312
(7.92)
.106
(2.69)
.358 REF.
(9.09)
THICKNESS .032
(0.81)
.125 DIA.
(3.18)
.156
(3.96)
.250
(6.35)
HEADER
.047
(1.19)
.312
(7.92)
.106
(2.69)
.343 REF.
(8.71)
THICKNESS .032
(0.81)
.305
(7.75)
2
5
7
AB
1
4
7
3
6
9
AB
1 Form C
2 Form C
1 Form A (Delete 2)
2 Form A (Delete 1 & 3)
1 Form B (Delete 5)
2 Form B (Delete 4 & 6)
1 Pole Model
2 Pole Model
.243
(6.17)
.076 DIA.TYP.
(1.93)
.637
(16.18)
.240
(6.10)
.437
(11.1)
.875
(22.23)
.875
(22.23)
.243
(6.17)
.240
(6.10)
.397
(10.08)
.076 DIA.TYP.
(1.93)
Bracket Mount Case
Outline Dimensions
Dimensions
804
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Plain Case
Top Flange Enclosure
1.968 MAX.
(49.99)
1.406
(35.71)
1.531 MAX.
(38.89)
.178 TYP.
(4.52)
1.496 ± .015
(38.05 ± .38)
1.875 ± .0 05
(47.63 ± .13)
2.382 MAX.
(60.50)
1.393 MAX.
(35.38)
.138 TYP.
(3.51)
2.461 MAX.
(62.51)
Terminal Dimensions
.250" (6.35mm) Quick
Printed Circuit
Connect/Solder
Wiring Diagrams
PC Board Layouts (Bottom Views)
2.500
(63.50)
.75
(19.05)
2.90 MAX.
(73.66)
.078 R.TYP.
(1.98)
1.968 MAX.
(49.99)
.375
(9.53)
1.531 MAX.
(38.89)
.312 TYP.
(7.92)
.625 TYP.
(15.88)
.437
(11.10)
.06
(1.52)
.07
(1.78)
1.406 MAX.
(35.71)
.125 DIA.
(3.18)
.035
(.89)
.250 ± .0 03
(6.35 ± .08)
HEADER
.305
(7.75)
.312
(7.92)
.106
(2.69)
.358 REF.
(9.09)
THICKNESS .032
(0.81)
.125 DIA.
(3.18)
.156
(3.96)
.250
(6.35)
HEADER
.047
(1.19)
.312
(7.92)
.106
(2.69)
.343 REF.
(8.71)
THICKNESS .032
(0.81)
.305
(7.75)
2
5
7
AB
1
4
7
3
6
9
AB
1 Form C
2 Form C
1 Form A (Delete 2)
2 Form A (Delete 1 & 3)
1 Form B (Delete 5)
2 Form B (Delete 4 & 6)
1 Pole Model
2 Pole Model
.243
(6.17)
.076 DIA.TYP.
(1.93)
.637
(16.18)
.240
(6.10)
.437
(11.1)
.875
(22.23)
.875
(22.23)
.243
(6.17)
.240
(6.10)
.397
(10.08)
.076 DIA.TYP.
(1.93)
Bracket Mount Case
Outline Dimensions
Plain case
Top flange enclosure
Bracket mount case
Terminal dimensions
6.35mm (.250”) Quick Connect/Solder
Printed circiot
Terminal assignment
1 form C
1 form A (delete 2)
1 form B (delete 5)
2 form C
2 form A (delete 1 and 3)
2 form B (delete 4 and 6)
PCB layout
Bottom view on solder pins
1 pole version
2 pole version




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl