Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1393114-4 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 2-1393114-4
Description  KUIP 8mm coil-to-contact spacing and KUGP 3mm contact gap
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-1393114-4 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  2-1393114-4 Datasheet HTML 1Page - TE Connectivity Ltd 2-1393114-4 Datasheet HTML 2Page - TE Connectivity Ltd 2-1393114-4 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General Purpose Relays
Industrial Relays
KUIP/KUGP Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
Accessories
For details see datasheet
Sockets and Accessories, KUP Relays
Product Code Description
27E893
DIN socket (use 20C318 clip)
27E121
Track mount socket (use 20C314 clips)
27E043
Chassis mount/solder eyelet socket (use 20C254 clip)
27E046
Chassis mount/PCB socket (use 20C254 clip)
27E067
Chassis mount/quick connect socket (use 20C254 clip)
27E396
Snap-in/quick connect socket (use 20C254 clip)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
DC coil
KUIP: -45ºC to 95ºC
KUGP: -45ºC to 75ºC (1 & 2 pole)
AC coil
KUIP: -45ºC to 70ºC
KUGP: -45ºC to 70ºC (1 & 2 pole)
Category of environmental protection
IEC 61810
RTI - dust protected
Terminal type
Quick connects (QC) .187
PCB-THT
Terminal retention, push force
25 lbs for 3s
Weight
85g
Packaging/unit
tray/25 pcs., box/150pcs.
Dimensions
Plain case
Bracket mount case
X
X
X
X
1.906 MAX.
(48.41)
1.531 MAX.
(38.89)
1
2
3
4
5
6
7
8
9
A
B
1.406 MAX.
(35.71)
1
2
3
4
5
6
7
8
9
A
B
1.518 MAX.
(38.56)
1.373 ± .010
(34.87 ± .25)
1.713 ± .0 03
(43.51 ± .08)
1.989 ± .0 03
(50.52)
.178TYP.
(4.52)
2.248 MAX.
(57.10)
.078 TYP.
(1.98)
1.906 MAX.
(48.41)
.75
(19.1)
2.90 MAX.
(73.7)
.078 R.TYP.
(1.98)
X
1.531 MAX.
(38.89)
.312
TYP.
(7.92)
.375
(9.53)
.437
(11.10)
X
2.500
(63.50)
X
.625 TYP.
(15.88)
.06
(1.52)
1.406 MAX.
(35.71)
.07
(1.8)
X Is For Terminal Dimensions.
See Teminal Drawings.
Top flange case
PCB layout
Bottom view on solder pins
3 Form C shown
Omit unncessary holes for other contact forms
.626
(15.90)
.328
(8.33)
.437
(11.10)
.875
(22.23)
.076 DIA. TYP.
(1.93)
.206
(5.23)


Similar Part No. - 2-1393114-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393114-4 MACOM-2-1393114-4 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
2-1393114-4 TEC-2-1393114-4 Datasheet
617Kb / 3P
   KUIP 8mm coil-to-contact spacing and KUGP 3mm contact gap
More results

Similar Description - 2-1393114-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KUIP-KUGP TEC-KUIP-KUGP Datasheet
617Kb / 3P
   KUIP 8mm coil-to-contact spacing and KUGP 3mm contact gap
430 TEC-430 Datasheet
473Kb / 3P
   4kV/8mm coil-contact, reinforced insulation
logo
Tyco Electronics
KUGP-7D55-24 MACOM-KUGP-7D55-24 Datasheet
617Kb / 3P
   KUIP/KUGP Series Panel Plug-in Relay
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2_10 Datasheet
840Kb / 8P
   SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap
logo
HARTING Technology Grou...
09-14-000-6358 HARTING-09-14-000-6358 Datasheet
476Kb / 2P
   Pneum. contact metal OD 8mm, male
09-14-000-6408 HARTING-09-14-000-6408 Datasheet
464Kb / 2P
   Pneum. contact metal ID 8mm, female
logo
TE Connectivity Ltd
RTH TEC-RTH Datasheet
283Kb / 2P
   5kV/10mm coil-contact
logo
HARTING Technology Grou...
09-14-000-6308 HARTING-09-14-000-6308 Datasheet
465Kb / 2P
   Pneum. contact metal ID 8mm, male
09-14-000-6458 HARTING-09-14-000-6458 Datasheet
471Kb / 2P
   Pneum. contact metal OD 8mm, female
2021-10-01
logo
TE Connectivity Ltd
C-SRK-PC-080-1635-XX TEC-C-SRK-PC-080-1635-XX Datasheet
145Kb / 1P
   CONTACT, SOCKET 8mm DIA SRK SERIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com