Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4-1393144-0 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part No. 4-1393144-0
Description  Socket, PCB and top flange mounting options
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 3 page
background image
General Purpose Relays
Industrial Relays
K10 Series Miniature Relay (Continued)
04-2013, Rev. 0413
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
Product Code Arrangement Cont. material
Coil
Coil
Terminals
Mounting
Part number
K10P-11A15-6
2 form C, 2 CO
AgCdO
AC coil
6VAC
Quick connect (QC)
Socket
4-1393144-4
K10P-11A15-12
12VAC
3-1393144-9
K10P-11A15-24
24VAC
4-1393144-1
K10P-11AT5-24
Bracket
3-1393144-5
K10P-11A15-120
120VAC
Socket
4-1393144-0
K10P-11AT5-120
Bracket
3-1393144-3
K10P-11D15-6
DC coil
6VDC
Socket
6-1393144-0
K10P-11D15-12
12VDC
5-1393144-5
K10P-11DT5-12
Bracket
5-1393144-0
K10P-11D15-24
24VDC
Socket
5-1393144-7
K10P-11DT5-24
Bracket
5-1393144-1
K10P-11D15-48
48VDC
Socket
5-1393144-9
K10P-11D15-110
110VDC
5-1393144-4
K10P-11D55-12
12VDC
PCB
PCB
6-1393144-6
K10P-11D55-24
24VDC
6-1393144-8
K10P-11D55-110
110VDC
6-1393144-5




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl