Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1371U Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1371U
Description  2-Wire, 32-Bit Binary Counter Watchdog Clock
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1371U Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1371U Datasheet HTML 2Page - Maxim Integrated Products DS1371U Datasheet HTML 3Page - Maxim Integrated Products DS1371U Datasheet HTML 4Page - Maxim Integrated Products DS1371U Datasheet HTML 5Page - Maxim Integrated Products DS1371U Datasheet HTML 6Page - Maxim Integrated Products DS1371U Datasheet HTML 7Page - Maxim Integrated Products DS1371U Datasheet HTML 8Page - Maxim Integrated Products DS1371U Datasheet HTML 9Page - Maxim Integrated Products DS1371U Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DS1371
6 of 14
PIN DESCRIPTION
PIN
NAME
FUNCTION
1, 2
X1, X2
These signals are connections for a standard 32.768kHz quartz crystal. The internal
oscillator circuitry is designed for operation with a crystal having a specified load
capacitance (CL) of 6pF.
For more information about crystal selection and crystal layout considerations, refer to
Application Note 58: Crystal Considerations with Dallas Real-Time Clocks. The
DS1371 can also be driven by an external 32.768kHz oscillator. In this configuration,
the X1 pin is connected to the external oscillator signal and the X2 pin is floated.
3
WDS
Watchdog Input. A positive edge-triggered hardware interrupt input that restarts the
watchdog counter when this signal transitions from a low to a high. While WDS remains
at a static low or high, the watchdog counter continues to decrement.
4
GND
Ground
5
SDA
2-Wire Serial Data. Input/output for 2-wire data.
6
SCL
2-Wire Serial Clock. Input for 2-wire clock.
7
SQW/INT
Square-Wave/Interrupt Output. This pin is used to output the programmable square-
wave or alarm interrupt signal. It is open drain and requires an external pullup resistor.
8
VCC
Supply Voltage Terminal
Detailed Description
The DS1371 is a real-time clock (RTC) with a 2-wire serial interface that provides elapsed seconds from
a user-defined starting point in a 32-bit counter (Figure 2). A 24-bit counter can be configured as either a
watchdog counter or as an alarm counter. An on-chip oscillator circuit uses a customer-supplied
32.768kHz crystal to keep time.
Oscillator Circuit
The DS1371 uses an external 32.768kHz crystal. The oscillator circuit does not require any external
resistors or capacitors to operate. Table 1 specifies several crystal parameters for the external crystal;
Figure 3 shows a functional schematic of the oscillator circuit. Using a crystal with the specified
characteristics, the startup time is usually less than one second.
Clock Accuracy
The accuracy of the clock is dependent upon the accuracy of the crystal and the accuracy of the match
between the capacitive load of the oscillator circuit and the capacitive load for which the crystal was
trimmed. Additional error is added by crystal frequency drift caused by temperature shifts. External
circuit noise coupled into the oscillator circuit can result in the clock running fast. Figure 4 shows a
typical PC board layout for isolation of the crystal and oscillator from noise. Refer to Application Note
58: Crystal Considerations with Dallas Real-Time Clocks for detailed information.


Similar Part No. - DS1371U

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1371U DALLAS-DS1371U Datasheet
498Kb / 15P
   I2C, 32-Bit Binary Counter
DS1371U++ DALLAS-DS1371U+ Datasheet
498Kb / 15P
   I2C, 32-Bit Binary Counter
More results

Similar Description - DS1371U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1372 MAXIM-DS1372 Datasheet
167Kb / 12P
   I2C, 32-Bit, Binary Counter Clock with 64-Bit ID
Rev 0; 7/07
logo
Dallas Semiconductor
DS1371 DALLAS-DS1371_07 Datasheet
498Kb / 15P
   I2C, 32-Bit Binary Counter
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
   I2C 32-Bit Binary Counter RTC
Rev 9/11
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
logo
Fairchild Semiconductor
DM74LS193 FAIRCHILD-DM74LS193 Datasheet
74Kb / 7P
   Synchronous 4-Bit Binary Counter with Dual Clock
logo
Hitachi Semiconductor
HD14040B HITACHI-HD14040B Datasheet
79Kb / 7P
   12-bit Binary Counter
logo
NXP Semiconductors
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
   4-bit binary counter
1996 Jan 29
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
   14-bit Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com