Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-1462037-2 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # C-1462037-2
Description  THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

C-1462037-2 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  C-1462037-2 Datasheet HTML 1Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
ANGLES
WEIGHT
APPLICATION SPEC
PRODUCT SPEC
OF
MATERIAL
FINISH
DWN
CHK
APVD
NAME
SIZE
CAGE CODE DRAWING NO
SCALE
SHEET
REV
LOC
DIST
REVISIONS
P
LTR
DATE
DWN
APVD
DESCRIPTION
1469-35 (3/11)
A4
RESTRICTED TO
THIS DRAWING IS A CONTROLLED DOCUMENT.
TE Connectivity
6+0.08
-0.08
10+0.08
-0.08
3.2+0.15
-0.15
2.2+0.15
-0.15
2.2+0.15
-0.15
7.5+0.2
-0.3
2
5.08+0.1
-0.1
0.4
(1.2)
Coplanarity<0.10mm
00779
XX = Relay type
zz = nominal voltage
YYWW = Date code
Relay - bottom view
1
2
3
4
8
7
6
5
A7
additional marking
10OCT2008
UKo
HD
A8
REVISED PER ECO-11-005150
25MAR2011
RK
HMR
A9
REVISED PER ECR-11-015637
10JUN2013
UKo
AK
A10
REVISED PER ECR-13-014508 (TE-Logo)
16SEP2013
UKo
AK
HJ
-
20JAN1999
mm
UKo 9193
-
-
20JAN1999
HD 9121
20JAN1999
DIN 7168-m
HD 9121
-
-
IM-Relay SMT Gull Wings
-
-
-
Dimensions
-
-
-
-
1462037-2
-
CUSTOMER DRAWING
5:1
1
1
A10
Blank Note
Blank Note
Blank Note
DRAWING ALIAS:
E2000-DOK02


Similar Part No. - C-1462037-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-1462037-1 TEC-C-1462037-1 Datasheet
124Kb / 6P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-1462037-3 TEC-C-1462037-3 Datasheet
72Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results

Similar Description - C-1462037-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-2266100 TEC-C-2266100 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150281 TEC-C-2150281 Datasheet
4Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150291 TEC-C-2150291 Datasheet
4Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150300 TEC-C-2150300 Datasheet
3Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2266189 TEC-C-2266189 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150387 TEC-C-2150387 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150408 TEC-C-2150408 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150425 TEC-C-2150425 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150438 TEC-C-2150438 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150451 TEC-C-2150451 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2151121 TEC-C-2151121 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com