Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


5--435166--1 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part No. 5--435166--1
Description  Dual In- Line Package
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 3 page
background image
408- 7779
3
of 4
Rev B
Figure 3
Protective Cover
Grip Here
Cover Latch
3.2. PC Board Installation
1. Make a layout on the pc board according to the
dimensions shown in Figure 4.
2. Make certain all contact leads have started entry
into holes. Grip sides of switch and push switch
into pc board until it is bottomed.
3. Hold switch at a slight angle and start one row
on contact leads into pc board holes. Do NOT
over--insert. Switch should be rotated until second
row of contact leads are aligned with opposite row
of contact holes.
Figure 4
7.62 [.300] Ref
2.54 [.100] Ref
Use Light Pressure
to Insert Switch
NOTE: These same procedures
apply to socket installation.
Rotate to Align Second
Row -- Then Push Down
on Ends of Switch
To hold switch in place during wave soldering, the
four outside contact leads may be clinched
inward at 45. Refer to Figure 5.
Figure 5
PC Board
Clinched Contact Lead (Inward Only)
Housing Bottomed
on PC Board
For pc board soldering and cleaning procedures,
and recommended solvents, refer to Application
Specification 114--1056.
4. SWITCH PROGRAMMING
After the switch has been inserted into the DIP socket
or soldered onto the pc board, proceed as follows:
1. Remove seal from the switches, see Figure 6.
Figure 6
Low--Profile Switch
Remove Tape
Seal from
End
Masking Material
Seal
Standard--Profile or
Side--Actuated Switch
Remove Seal from Top
Left to Bottom Right
(Diagonal Across the
Switch)
NOTE
NOTE




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl