Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF62W-2226SCF Datasheet(PDF) 4 Page - Hirose Electric

Part # DF62W-2226SCF
Description  2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF62W-2226SCF Datasheet(HTML) 4 Page - Hirose Electric

  DF62W-2226SCF Datasheet HTML 1Page - Hirose Electric DF62W-2226SCF Datasheet HTML 2Page - Hirose Electric DF62W-2226SCF Datasheet HTML 3Page - Hirose Electric DF62W-2226SCF Datasheet HTML 4Page - Hirose Electric DF62W-2226SCF Datasheet HTML 5Page - Hirose Electric DF62W-2226SCF Datasheet HTML 6Page - Hirose Electric DF62W-2226SCF Datasheet HTML 7Page - Hirose Electric DF62W-2226SCF Datasheet HTML 8Page - Hirose Electric DF62W-2226SCF Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
DF62 Series / DF62W Series2 × 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces (UL, C-UL Listed)
◆IP67 Water-resistant type
●Connector
DF 62W - * S - 2.2 C
❶❷
❸ ❹
●Contact
DF 62W - EP 2226 PCF A
❶❷
●Water-proof pin
DF 62W - WP
❶❷
●Connector
DF 62W - * P - 2.2 DSA (00)
❶❷
❸ ❹
Series Name:DF
Series No. : 62W
No. of Contacts : 2, 3, 4, 6, 9
Connector type
S : Socket, EP : Extension plug
Contact pitch : 2.2mm
Connection part shape
C : Crimping housing
Series Name:DF
Series No. : 62W
Terminal type
EP : Extension plug
Applicable wire size
2022
:20 to 22 AWG
2226
:22 to 26 AWG
Contact type /packaging type
SCF : Socket crimping contact, reel
SC : Socket crimping contact, pieces
PCF : Plug crimping contact, reel
PC : Plug crimping contact, pieces
Plating type
A : Gold plating
None : Tin plating
Series Name:DF
Series No. : 62W
For each use type
WP :
◆IP67 Water-resistant type
Series Name:DF
Series No. : 62W
No. of Contacts : 9
Connector type
P : Header
Contact pitch : 2.2mm
Connection part shape
DSA : Straight pin header
Plating type
(01) : Gold plating


Similar Part No. - DF62W-2226SCF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF62W-EP2226PC HIROSE-DF62W-EP2226PC Datasheet
38Kb / 1P
   CONN PIN 22-26AWG CRIMP TIN
More results

Similar Description - DF62W-2226SCF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21SF-03V-KX ETC2-J21SF-03V-KX Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
JST Mfg. Co., Ltd.
JWPF JST-JWPF Datasheet
83Kb / 2P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
PNIRR-04VF ETC2-PNIRR-04VF Datasheet
102Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
Adam Technologies, Inc.
DME-F-02 ADAM-TECH-DME-F-02 Datasheet
64Kb / 1P
   WIRE TO WIRE FEMALE 2 POLES
DME-M-02 ADAM-TECH-DME-M-02 Datasheet
64Kb / 1P
   WIRE TO WIRE MALE 2 POLES
logo
List of Unclassifed Man...
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Molex Electronics Ltd.
51021-0200 MOLEX11-51021-0200 Datasheet
39Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com