Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF63-2022PCF Datasheet(PDF) 6 Page - Hirose Electric

Part # DF63-2022PCF
Description  15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF63-2022PCF Datasheet(HTML) 6 Page - Hirose Electric

  DF63-2022PCF Datasheet HTML 1Page - Hirose Electric DF63-2022PCF Datasheet HTML 2Page - Hirose Electric DF63-2022PCF Datasheet HTML 3Page - Hirose Electric DF63-2022PCF Datasheet HTML 4Page - Hirose Electric DF63-2022PCF Datasheet HTML 5Page - Hirose Electric DF63-2022PCF Datasheet HTML 6Page - Hirose Electric DF63-2022PCF Datasheet HTML 7Page - Hirose Electric DF63-2022PCF Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
DF63 Series15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
●Recommended wire
UL1007, 1015
●Applicable wire (Tinned, Annealed Copper Wire)
Wire size (Stranded wire conductor)
Jacket diameter
16 AWG(26/0.254)
UL1007(2.5mm)
UL1015(3.2mm)
18 AWG(34/0.18)
UL1007(2.1mm)
UL1015(2.9mm)
20 AWG(21/0.18)
UL1007(1.7mm)
22 AWG(17/0.16)
UL1007(1.5mm)
Crimp Contact for Socket
Part No.
HRS No.
Packaging
Finish
DF63-1618SCF
680-0500-0
4000/reel
Tin plated
DF63-1618SC
680-0514-5
100/pack
DF63-1618SCFA
680-0540-0
4000/reel
Gold plated
DF63-1618SCA
680-0542-0
100/pack
DF63-2022SCF
680-0541-0
4000/reel
Tin plated
DF63-2022SC
Under development
100/pack
DF63-2022SCFA
4000/reel
Gold plated
DF63-2022SCA
100/pack
DF63-2428SCF
Under planning
4000/reel
Tin plated
DF63-2428SC
100/pack
DF63-2428SCFA
4000/reel
Gold plated
DF63-2428SCA
100/pack
Applicable wire gauge mark
16
18
t=0.25
2.96
2.14
P=9.5
Ø2
Crimp Contact for In-line Plug
Part No.
HRS No.
Packaging
Finish
DF63-1618PCF
680-0529-2
4000/reel
Tin plated
DF63-1618PC
680-0536-8
100/pack
DF63-1618PCFA
Under development
4000/reel
Gold plated
DF63-1618PCA
100/pack
DF63-2022PCF
680-0538-3
4000/reel
Tin plated
DF63-2022PC
Under development
100/pack
DF63-2022PCFA
4000/reel
Gold plated
DF63-2022PCA
100/pack
DF63-2428PCF
Under planning
4000/reel
Tin plated
DF63-2428PC
100/pack
DF63-2428PCFA
4000/reel
Gold plated
DF63-2428PCA
100/pack
Applicable wire gauge mark
16
18
P=9.5
4.75
t=0.25
2.14


Similar Part No. - DF63-2022PCF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF63-2022PCF HIROSE-DF63-2022PCF Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
More results

Similar Description - DF63-2022PCF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF60 HIROSE-DF60 Datasheet
489Kb / 12P
   65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
logo
Dubilier
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
   BOARD TO WIRE CONNECTORS 3.96mm PITCH
logo
Hirose Electric
DF58 HIROSE-DF58 Datasheet
315Kb / 8P
   Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
logo
Hirose Electric
DF65 HIROSE-DF65 Datasheet
1Mb / 6P
   1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
logo
Maxim Integrated Produc...
MAX17233EVKIT MAXIM-MAX17233EVKIT Datasheet
899Kb / 14P
   6V to 36V, 15A power supply
Rev 0; 2/16
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com