Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF62-2428SC Datasheet(PDF) 10 Page - Hirose Electric

Part # DF62-2428SC
Description  2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF62-2428SC Datasheet(HTML) 10 Page - Hirose Electric

Back Button DF62-2428SC Datasheet HTML 4Page - Hirose Electric DF62-2428SC Datasheet HTML 5Page - Hirose Electric DF62-2428SC Datasheet HTML 6Page - Hirose Electric DF62-2428SC Datasheet HTML 7Page - Hirose Electric DF62-2428SC Datasheet HTML 8Page - Hirose Electric DF62-2428SC Datasheet HTML 9Page - Hirose Electric DF62-2428SC Datasheet HTML 10Page - Hirose Electric DF62-2428SC Datasheet HTML 11Page - Hirose Electric DF62-2428SC Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
DF62 Series / DF62W Series2 × 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces (UL, C-UL Listed)
BApplicable Crimping Tool
●DF62
Type
Part No.
HRS No.
Applicable Contact
Applicator
AP105-DF62-22
901-4626-3 00
DF62-22SCFA/SCF
DF62-EP22PCFA/PCF
AP105-DF62-2428
901-4625-0 00
DF62-2428SCFA/SCF
DF62-EP2428PCFA/PCF
AP105-DF62-30
901-4627-6
DF62-30SCFA/SCF
DF62-EP30PCFA/PCF
Press body
CM-105C
901-0001-0 00
Hand tool
HT801/DF62-22(10) (Note 2)
550-0401-9 10
DF62-22SCA/SC
DF62-EP22PCA/PC
HT801/DF62-2428(10) (Note 3)
550-0400-6 10
DF62-2428SCA/SC
DF62-EP2428PCA/PC
HT801/DF62-30(10) (Note 4)
550-0402-1 10
DF62-30SCA/SC
DF62-EP30PCA/PC
Extraction tool
DF62/RE-MD
902-4645-4 00
DF62-**SCFA/SCF/SCA/SC
DF62-EP**PCFA/PCF/PCA/PC
Note 1 : Hirose does not warranty problems that arise from the use of unapproved tools on Hirose products.
Note 2 : The compatible wire is limited to UL1061 (22 AWG).
Note 3 : The compatible wire is limited to UL1007 (24 to 28 AWG).
Note 4 : The compatible wire is limited to UL1061 (30 AWG).
●DF62W
Type
Part No.
HRS No.
Applicable Contact
Applicator
AP105-DF62W-2022
901-4500-0 00
DF62W-2022SCF(A)
DF62W-EP2022PCF(A)
EHS899800H-UP (Note 2)
AP105-DF62W-2226
901-4637-0 00
DF62W-2226SCF(A)
DF62W-EP2226PCF(A)
EHS888400H-UP (Note 2)
Press body
CM-105C
901-0001-0 00
Hand tool
HT802/DF62W-2022 (Note 3)
550-0431-0 00
DF62W-2022SC(A)
DF62W-EP2022PC(A)
HT802/DF62W-2226 (Note 4)
550-0416-6 00
DF62W-2226SC(A)
DF62W-EP2226PC(A)
Extraction tool
DF62W/RE-MD
902-4666-4 00
DF62W-2022SC(F)(A)
DF62W-EP2022PC(F)(A)
DF62W-2226SC(F)(A)
DF62W-EP2226PC(F)(A)
Note 1 : Hirose does not warranty problems that arise from the use of unapproved tools on Hirose products.
Note 2 : Applicator manufactured by JAPAN AUTOMATIC MACHINE(J.A.M.). Please access to HP of J.A.M., if you make
inquiries about the applicator or crimp defect. (URL : http://www.jam-net.co.jp)
Note 3 : The compatible wire is limited to UL3443 (20 AWG) or UL1007 (22 AWG).
Note 4 : The compatible wire is limited to UL1007 (22 to 24 AWG) or UL1430 (24 to 26 AWG).


Similar Part No. - DF62-2428SC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DF62 PHILIPS-DF62 Datasheet
253Kb / 8P
   FULLY SHIELDED SHARP CUT-OFF R.F. PENTODE
1.1.1960
logo
ITT Industries
DF62J11G215DQA ITT-DF62J11G215DQA Datasheet
273Kb / 4P
   Power Rocker Switches
DF62J11G215DQF ITT-DF62J11G215DQF Datasheet
273Kb / 4P
   Power Rocker Switches
DF62J11G215HQA ITT-DF62J11G215HQA Datasheet
273Kb / 4P
   Power Rocker Switches
DF62J11G215HQF ITT-DF62J11G215HQF Datasheet
273Kb / 4P
   Power Rocker Switches
More results

Similar Description - DF62-2428SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21SF-03V-KX ETC2-J21SF-03V-KX Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
JST Mfg. Co., Ltd.
JWPF JST-JWPF Datasheet
83Kb / 2P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
PNIRR-04VF ETC2-PNIRR-04VF Datasheet
102Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
Adam Technologies, Inc.
DME-F-02 ADAM-TECH-DME-F-02 Datasheet
64Kb / 1P
   WIRE TO WIRE FEMALE 2 POLES
DME-M-02 ADAM-TECH-DME-M-02 Datasheet
64Kb / 1P
   WIRE TO WIRE MALE 2 POLES
logo
List of Unclassifed Man...
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Molex Electronics Ltd.
51021-0200 MOLEX11-51021-0200 Datasheet
39Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com