Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF62-30SCA Datasheet(PDF) 11 Page - Hirose Electric

Part # DF62-30SCA
Description  2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF62-30SCA Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF62-30SCA Datasheet HTML 4Page - Hirose Electric DF62-30SCA Datasheet HTML 5Page - Hirose Electric DF62-30SCA Datasheet HTML 6Page - Hirose Electric DF62-30SCA Datasheet HTML 7Page - Hirose Electric DF62-30SCA Datasheet HTML 8Page - Hirose Electric DF62-30SCA Datasheet HTML 9Page - Hirose Electric DF62-30SCA Datasheet HTML 10Page - Hirose Electric DF62-30SCA Datasheet HTML 11Page - Hirose Electric DF62-30SCA Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
DF62 Series / DF62W Series2 × 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces (UL, C-UL Listed)
■Straight pin Header
*13 pos. shown as an example.
Part No.
HRS No.
No. of
Contacts
AB
C
DF62-13P-2.2DSA(**) 544-0582-0 **
13
11.5
8.8
11.8
DF62-24P-2.2DSA(**) 544-0584-0 **
24
14.5
10.8
13.8
Note 1 : This product is sold per tray (13pos : 100pcs/tray, 24pos : 80pcs/tray), please place orders by tray unit.
Unit : mm
[Specification No.] **
(00) : Tin plating
●Recommended PCB layout
(Recommended thickness t=1.6mm)
■Right Angle pin Header
*13 pos. shown as an example.
Part No.
HRS No.
No. of
Contacts
AB
C
DF62-13P-2.2DS(**)
544-0581-0 **
13
11.5
12.9
19.5
DF62-24P-2.2DS(**)
544-0583-0 **
24
15.4
14.9
23.5
Note 1 : This product is sold per tray (100pcs/tray), please place orders by tray unit.
Unit : mm
[Specification No.] **
(00) : Tin plating
●Recommended PCB layout
(Recommended thickness t=1.6mm)
t=0.47
P=2.2
□0.5
Contact No.1 marking
Contact No. marking
C
Cavity No.
P=2.2
Cavity No.
Contact No. marking
Contact No.1 marking
B
2.6
P=2.2±0.05
4.4±0.05
P=2.2±0.05
6.6±0.05
Outline of the connector
24∞Ø0.8
+0.1
−0
P=2.2±0.05
8.8±0.05
P=2.2±0.05
6.6±0.05
Outline of the connector
13∞Ø0.8
+0.1
−0
[13 pos][24 pos]
P=2.2±0.05
1.945±0.05
4.4±0.05
[13 pos][24 pos]
Outline of the connector
13∞Ø0.9
+0.1
−0
P=2.2±0.05
3.045±0.05
6.6±0.05
Ø3±0.05
4.145±0.05
P=2.2±0.05
8.8±0.05
Outline of the connector
24∞Ø0.9
+0.1
−0
P=2.2±0.05
3.045±0.05
6.6±0.05
Ø3±0.05


Similar Part No. - DF62-30SCA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DF62 PHILIPS-DF62 Datasheet
253Kb / 8P
   FULLY SHIELDED SHARP CUT-OFF R.F. PENTODE
1.1.1960
logo
ITT Industries
DF62J11G215DQA ITT-DF62J11G215DQA Datasheet
273Kb / 4P
   Power Rocker Switches
DF62J11G215DQF ITT-DF62J11G215DQF Datasheet
273Kb / 4P
   Power Rocker Switches
DF62J11G215HQA ITT-DF62J11G215HQA Datasheet
273Kb / 4P
   Power Rocker Switches
DF62J11G215HQF ITT-DF62J11G215HQF Datasheet
273Kb / 4P
   Power Rocker Switches
More results

Similar Description - DF62-30SCA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21SF-03V-KX ETC2-J21SF-03V-KX Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
JST Mfg. Co., Ltd.
JWPF JST-JWPF Datasheet
83Kb / 2P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
PNIRR-04VF ETC2-PNIRR-04VF Datasheet
102Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
Adam Technologies, Inc.
DME-F-02 ADAM-TECH-DME-F-02 Datasheet
64Kb / 1P
   WIRE TO WIRE FEMALE 2 POLES
DME-M-02 ADAM-TECH-DME-M-02 Datasheet
64Kb / 1P
   WIRE TO WIRE MALE 2 POLES
logo
List of Unclassifed Man...
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Molex Electronics Ltd.
51021-0200 MOLEX11-51021-0200 Datasheet
39Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com