Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV104 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DRV104
Description  1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DRV104 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button DRV104 Datasheet HTML 2Page - Burr-Brown (TI) DRV104 Datasheet HTML 3Page - Burr-Brown (TI) DRV104 Datasheet HTML 4Page - Burr-Brown (TI) DRV104 Datasheet HTML 5Page - Burr-Brown (TI) DRV104 Datasheet HTML 6Page - Burr-Brown (TI) DRV104 Datasheet HTML 7Page - Burr-Brown (TI) DRV104 Datasheet HTML 8Page - Burr-Brown (TI) DRV104 Datasheet HTML 9Page - Burr-Brown (TI) DRV104 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DRV104
6
SBVS036A
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TC = +25°C and VS = +24V, unless otherwise noted.
14
13
12
11
10
9
8
7
6
–60
40
140
MINIMUM DELAY vs JUNCTION TEMPERATURE
Temperature (
°C)
32V
24V
12V
8V
C
D = 0pF
26.0
25.5
25.0
24.5
24.0
–10
–60
40
90
140
OSCILLATOR FREQUENCY
vs JUNCTION TEMPERATURE
Temperature (
°C)
24V
12V
12V
32V
R
FREQ = 191kΩ
53
52
51
50
49
48
47
–60
40
8V
140
DUTY CYCLE vs JUNCTION TEMPERATURE
Temperature (
°C)
12V
24V
32V
R
PWM = 147kΩ
0.8
0.6
0.4
0.2
0
–10
–60
40
90
140
V
SAT vs JUNCTION TEMPERATURE
Temperature (
°C)
1.250
1.249
1.248
1.247
1.246
1.245
1.244
–10
–60
40
90
140
V
REF vs TEMPERATURE
Temperature (
°C)
8V
12V
24V
32V
250
200
150
100
50
0
4
56
INPUT CURRENT vs INPUT VOLTAGE
Input Voltage (V)


Similar Part No. - DRV104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV104 TI1-DRV104 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
DRV104PWP TI1-DRV104PWP Datasheet
1Mb / 25P
[Old version datasheet]   1.2A PWM High-Side Driver
DRV104PWP TI1-DRV104PWP Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
DRV104PWPG4 TI1-DRV104PWPG4 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
DRV104PWPR TI1-DRV104PWPR Datasheet
1Mb / 25P
[Old version datasheet]   1.2A PWM High-Side Driver
More results

Similar Description - DRV104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV104 TI1-DRV104_16 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Burr-Brown (TI)
DRV103UG4 BURR-BROWN-DRV103UG4 Datasheet
1Mb / 24P
   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Texas Instruments
DRV103 TI-DRV103 Datasheet
446Kb / 14P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
DRV104PWPR TI1-DRV104PWPR Datasheet
1Mb / 25P
[Old version datasheet]   1.2A PWM High-Side Driver
DRV2511-Q1 TI1-DRV2511-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   DRV2511-Q1 8-A Automotive Haptic Driver for Solenoids and Voice Coils
logo
Toshiba Semiconductor
TPD1011S TOSHIBA-TPD1011S Datasheet
352Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
TPD1033F TOSHIBA-TPD1033F Datasheet
319Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS, SOLENOIDS AND LAMP DRIVERS
TPD1034F TOSHIBA-TPD1034F_07 Datasheet
456Kb / 11P
   High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1033F TOSHIBA-TPD1033F_07 Datasheet
427Kb / 11P
   High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1018F TOSHIBA-TPD1018F Datasheet
291Kb / 7P
   HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com