Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF62W-4EP-2.2C Datasheet(PDF) 5 Page - Hirose Electric

Part # DF62W-4EP-2.2C
Description  2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF62W-4EP-2.2C Datasheet(HTML) 5 Page - Hirose Electric

  DF62W-4EP-2.2C Datasheet HTML 1Page - Hirose Electric DF62W-4EP-2.2C Datasheet HTML 2Page - Hirose Electric DF62W-4EP-2.2C Datasheet HTML 3Page - Hirose Electric DF62W-4EP-2.2C Datasheet HTML 4Page - Hirose Electric DF62W-4EP-2.2C Datasheet HTML 5Page - Hirose Electric DF62W-4EP-2.2C Datasheet HTML 6Page - Hirose Electric DF62W-4EP-2.2C Datasheet HTML 7Page - Hirose Electric DF62W-4EP-2.2C Datasheet HTML 8Page - Hirose Electric DF62W-4EP-2.2C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
DF62 Series / DF62W Series2 × 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces (UL, C-UL Listed)
12
2
1
3
1
2
4
3
2
13
46
5
56
4
3
12
79
8
Ø10.4mm
Ø9.2mm
2 pos.
3 pos.
4 pos.
6 pos.
9 pos.
Ø10.8mm
Ø11.6mm
Ø13.3mm
■Socket (standard type)
■Socket (Protected lock type)
■Socket (Water proof type)
9.55
P=2.2
Contact No. marking
Cavity No.
Contact No. marking
Cavity No.
P=2.2
Cavity No.
Contact No.
P=2.2
B
A
*7 pos. shown
as an example.
*9 pos. shown
as an example.
*7 pos. shown
as an example.
Note 1 : This product is sold per pack (100pcs/pack), please place orders in full pack increments.
Note 2 : The Water-proof type and a non-water-proof type are not intermateable.
Note : Applicable jacket outer diameter : Ø1.4 to 1.6mm
[Specification No.] **
(00) : White
(11) : Black
(18) : Red
[Specification No.] **
(00) : White
(11) : Black
(18) : Red
[Specification No.] **
Blank : 100pcs/pack
Part No.
HRS No.
No. of
Contacts
AB
DF62B-2S-2.2C(**)
544-0551-0 **
2
4.9
5.08
DF62B-3S-2.2C(**)
544-0552-2 **
3
7.08
DF62B-4S-2.2C(**)
544-0553-5 **
4
DF62B-5S-2.2C(**)
544-0554-8 **
5
7.1
Part No.
HRS No.
No. of
Contacts
AB
DF62B-6S-2.2C(**)
544-0555-0 **
6
7.1
7.08
DF62B-7S-2.2C(**)
544-0556-3 **
7
9.08
DF62B-13S-2.2C(**)
544-0557-6 **
13
9.3
11.08
DF62B-24S-2.2C(**)
544-0539-4 **
24
12.3
13.08
Note 1 : This product is sold per pack (100pcs/pack), please place orders in full pack increments.
Unit : mm
Part No.
HRS No.
No. of
Contacts
AB
DF62C-2S-2.2C(**)
544-0565-4 **
2
4.9
5.65
DF62C-3S-2.2C(**)
544-0566-7 **
3
7.65
DF62C-4S-2.2C(**)
544-0567-0 **
4
DF62C-5S-2.2C(**)
544-0568-2 **
5
7.1
Part No.
HRS No.
No. of
Contacts
AB
DF62C-6S-2.2C(**)
544-0569-5 **
6
7.1
7.65
DF62C-7S-2.2C(**)
544-0570-4 **
7
9.65
DF62C-13S-2.2C(**)
544-0571-7 **
13
9.3
11.65
DF62C-24S-2.2C(**)
544-0541-6 **
24
12.3
13.65
Note 1 : This product is sold per pack (100pcs/pack), please place orders in full pack increments.
Unit : mm
Unit : mm
Pin configuration of the contact numbers. (Shown from the mating side.)
Part No.
HRS No.
No. of
Contacts
AB
DF62W-2S-2.2C
544-1002-7 00
2
7.5
7.55
DF62W-3S-2.2C
544-1004-2 00
3
9.75
DF62W-4S-2.2C
544-1006-8 00
4
Part No.
HRS No.
No. of
Contacts
AB
DF62W-6S-2.2C
544-1008-3 00
6
9.7
9.75
DF62W-9S-2.2C
544-1010-5 00
9
11.95


Similar Part No. - DF62W-4EP-2.2C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF62W-EP2226PC HIROSE-DF62W-EP2226PC Datasheet
38Kb / 1P
   CONN PIN 22-26AWG CRIMP TIN
More results

Similar Description - DF62W-4EP-2.2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21SF-03V-KX ETC2-J21SF-03V-KX Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
JST Mfg. Co., Ltd.
JWPF JST-JWPF Datasheet
83Kb / 2P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
PNIRR-04VF ETC2-PNIRR-04VF Datasheet
102Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
Adam Technologies, Inc.
DME-F-02 ADAM-TECH-DME-F-02 Datasheet
64Kb / 1P
   WIRE TO WIRE FEMALE 2 POLES
DME-M-02 ADAM-TECH-DME-M-02 Datasheet
64Kb / 1P
   WIRE TO WIRE MALE 2 POLES
logo
List of Unclassifed Man...
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Molex Electronics Ltd.
51021-0200 MOLEX11-51021-0200 Datasheet
39Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com