Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF50A-6S-1C Datasheet(PDF) 3 Page - Hirose Electric

Part # DF50A-6S-1C
Description  1mm Pitch, Board to Wire Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50A-6S-1C Datasheet(HTML) 3 Page - Hirose Electric

  DF50A-6S-1C Datasheet HTML 1Page - Hirose Electric DF50A-6S-1C Datasheet HTML 2Page - Hirose Electric DF50A-6S-1C Datasheet HTML 3Page - Hirose Electric DF50A-6S-1C Datasheet HTML 4Page - Hirose Electric DF50A-6S-1C Datasheet HTML 5Page - Hirose Electric DF50A-6S-1C Datasheet HTML 6Page - Hirose Electric DF50A-6S-1C Datasheet HTML 7Page - Hirose Electric DF50A-6S-1C Datasheet HTML 8Page - Hirose Electric DF50A-6S-1C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
DF50 Series1mm Pitch, Board to Wire Lock Connector
[Specification Number : **, (**) ]
(51): Gold plating, embossed packaging
(52): Gold plating, embossed packaging,
with adsorption cap
■Double-row straight pin header
BRecommended PCB Dimensions
*: No. of Contacts
Unit : mm
Part No.
HRS No.
No. of Contacts
A
B
C
D
E
F
G
DF50-20DP-1V (**)
665-0019-3 **
20
13.18
9
14.2
28.4
32
38.4
32.4
DF50-30DP-1V (**)
665-0001-8 **
30
18.18
14
DF50-40DP-1V (**)
665-0005-9 **
40
23.18
19
20.2
40.4
44
50.4
44.4
DF50-50DP-1V (**)
665-0011-1 **
50
28.18
24
(Note) Please place orders for embossed packaged products by the multiple of the number of reels. (1,000 pcs/reel)
BEmboss tape dimensions
(JIS C 0806 compliant)
BReel Condition Dimensions
Unreeling direction
Contact No.1
(
)
F MAX
G
+2
0
Product Label
Ø1.5 sprocket
hole far side
Unreeling direction


Similar Part No. - DF50A-6S-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50A-6S-1C HIROSE-DF50A-6S-1C Datasheet
809Kb / 12P
   1 mm Pitch, WtoB, Positive Lock Connector
DF50A-6S-1C HIROSE-DF50A-6S-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
More results

Similar Description - DF50A-6S-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
logo
Molex Electronics Ltd.
5054480871 MOLEX1-5054480871 Datasheet
39Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5055671671 MOLEX1-5055671671 Datasheet
37Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054331071 MOLEX1-5054331071 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054330881 MOLEX1-5054330881 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054333481 MOLEX1-5054333481 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054333881 MOLEX1-5054333881 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com