Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF62W-2S-2.2C Datasheet(PDF) 3 Page - Hirose Electric

Part # DF62W-2S-2.2C
Description  2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF62W-2S-2.2C Datasheet(HTML) 3 Page - Hirose Electric

  DF62W-2S-2.2C Datasheet HTML 1Page - Hirose Electric DF62W-2S-2.2C Datasheet HTML 2Page - Hirose Electric DF62W-2S-2.2C Datasheet HTML 3Page - Hirose Electric DF62W-2S-2.2C Datasheet HTML 4Page - Hirose Electric DF62W-2S-2.2C Datasheet HTML 5Page - Hirose Electric DF62W-2S-2.2C Datasheet HTML 6Page - Hirose Electric DF62W-2S-2.2C Datasheet HTML 7Page - Hirose Electric DF62W-2S-2.2C Datasheet HTML 8Page - Hirose Electric DF62W-2S-2.2C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
DF62 Series / DF62W Series2 × 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces (UL, C-UL Listed)
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
Note : The water-proof type and a non-water-proof type are not intermateable.
◆Non-water-resistant type
●Connector
DF 62B - * S - 2.2 C (00)
❶❷
❸ ❹
●Contact
DF 62 - EP 2428 PCF A
❶❷
●Connector
DF 62 - * P - 2.2 DSA (00)
❶❷
❸ ❹
Series Name:DF
Series No. : 62B (regular type)
62C (Protected lock type )
62P (Panel mount type )
No. of Contacts : 2, 3, 4, 5, 6, 7, 13, 24
Connector type
S : Socket, EP : Extension plug
Contact pitch : 2.2mm
Connection part shape
C : Crimping housing
Color
Socket 00 : White
Extension plug 00 : Black
11 : Black
10 : White
18 : Red
18 : Red
Series Name:DF
Series No. : 62
Terminal type
EP : Extension plug
Applicable wire size
22
:22 AWG
2428
:24 to 28 AWG
30
:30 AWG
Contact type /packaging type
SCF : Socket crimping contact, reel
SC : Socket crimping contact, pieces
PCF : Plug crimping contact, reel
PC : Plug crimping contact, pieces
Plating type
A : Gold plating
None : Tin plating
Series Name:DF
Series No. : 62
No. of Contacts : 13, 24
Connector type
P : Header
Contact pitch : 2.2mm
Connection part shape
DSA : Straight pin header
DS : Right angle pin header
Plating type
(00) : Tin plating


Similar Part No. - DF62W-2S-2.2C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF62W-EP2226PC HIROSE-DF62W-EP2226PC Datasheet
38Kb / 1P
   CONN PIN 22-26AWG CRIMP TIN
More results

Similar Description - DF62W-2S-2.2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21SF-03V-KX ETC2-J21SF-03V-KX Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
JST Mfg. Co., Ltd.
JWPF JST-JWPF Datasheet
83Kb / 2P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
PNIRR-04VF ETC2-PNIRR-04VF Datasheet
102Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
Adam Technologies, Inc.
DME-F-02 ADAM-TECH-DME-F-02 Datasheet
64Kb / 1P
   WIRE TO WIRE FEMALE 2 POLES
DME-M-02 ADAM-TECH-DME-M-02 Datasheet
64Kb / 1P
   WIRE TO WIRE MALE 2 POLES
logo
List of Unclassifed Man...
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Molex Electronics Ltd.
51021-0200 MOLEX11-51021-0200 Datasheet
39Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com