Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP105-FX15-2830 Datasheet(PDF) 7 Page - Hirose Electric

Part # AP105-FX15-2830
Description  1mm Pitch Wire-to-Board Connectors supporting LVDS signal
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

AP105-FX15-2830 Datasheet(HTML) 7 Page - Hirose Electric

Back Button AP105-FX15-2830 Datasheet HTML 3Page - Hirose Electric AP105-FX15-2830 Datasheet HTML 4Page - Hirose Electric AP105-FX15-2830 Datasheet HTML 5Page - Hirose Electric AP105-FX15-2830 Datasheet HTML 6Page - Hirose Electric AP105-FX15-2830 Datasheet HTML 7Page - Hirose Electric AP105-FX15-2830 Datasheet HTML 8Page - Hirose Electric AP105-FX15-2830 Datasheet HTML 9Page - Hirose Electric AP105-FX15-2830 Datasheet HTML 10Page - Hirose Electric AP105-FX15-2830 Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
FX15 Series
1mm Pitch Wire-to-Board Connectors supporting LVDS signal
Plug – Micro-coaxial cable (FX15S-**P-0.5SD)
Ground plate for micro-coaxial cable type
Part No.
HRS No.
No. of contacts
A
B
RoHS
FX15S-41P-GND
575-2111-6
41
29.2
30.06
Yes
FX15S-51P-GND
575-2117-2
51
34.2
35.06
Note 1 : Packaged in trays.
Note 2 : Dimensions in parenthesis ( ) are reference dimensions.
Part No.
HRS No.
No. of contacts
A
B
C
D
RoHS
FX15S-41P-0.5SD
575-2110-3
41
31.9
29.6
27.57
20
Yes
FX15S-51P-0.5SD
575-2118-5
51
36.9
34.6
32.57
25
Note 1 : Packaged in trays.
Note 2 : Dimensions in parenthesis ( ) are reference dimensions.
Applicable cable (Micro-coaxial cable)
Wire size
(Standed wire inner conductor)
Jacket diameter
36 AWG (7/0.05mm)
0.3mm to 0.5mm
38 AWG (7/0.04mm)
40 AWG (7/0.03mm)
No. of contacts
A
B
41
23.1
20
51
28.1
25
Cable preparation


Similar Part No. - AP105-FX15-2830

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AP105-FX15-3032 HIROSE-AP105-FX15-3032 Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
More results

Similar Description - AP105-FX15-2830

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
   BOARD TO WIRE CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com