Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF59-22PCA Datasheet(PDF) 3 Page - Hirose Electric

Part # DF59-22PCA
Description  2mm Pitch, Multi Functional Connector System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF59-22PCA Datasheet(HTML) 3 Page - Hirose Electric

  DF59-22PCA Datasheet HTML 1Page - Hirose Electric DF59-22PCA Datasheet HTML 2Page - Hirose Electric DF59-22PCA Datasheet HTML 3Page - Hirose Electric DF59-22PCA Datasheet HTML 4Page - Hirose Electric DF59-22PCA Datasheet HTML 5Page - Hirose Electric DF59-22PCA Datasheet HTML 6Page - Hirose Electric DF59-22PCA Datasheet HTML 7Page - Hirose Electric DF59-22PCA Datasheet HTML 8Page - Hirose Electric DF59-22PCA Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
DF59 Series2mm Pitch, Multi Functional Connector System (Floating [Board-to-Board], Swing-Lock [Wire-to-Board], Short-Circuit Pin)
Ordering Information
Please refer to the ordering information below for each connector type
●Receptacle
DF 59 # − * S− * V
qw
e
rt
yu
●Short-Circuit pin
●Crimp Socket
●Contact(W-to-B)
DF 59 # − * P− * FC
qw
e
r
t
y
u
DF 59 − * P− 2 SP
qw
e
r
t
y
DF 59 − * P− 2 C
q
w
er
ty
DF 59
M
− 2224 PCF
qw
e
r
t
Plug
q Series Name : DF
w Series No. : 59
e None : Standard
S
:B-to-B type
M
:W-to-B type
r Number of contacts : 1, 2, 3, 4
t Type of connector
S : Receptacle
y Pitch
 None : Single contact type
2 : Standard 2mm (4mm : Without the central contact)
u Termination form
 V : SMT straight type (B-to-B type)
 H : SMT right angle type (W-to-B type)
q Series Name : DF
w Series No. : 59
e Number of contacts:2, 3, 4
r Type of connector
P : Plug
t Pitch : 2mm
y Termination form
SP : Short Pin
q Series Name : DF
w Series No. : 59
e Number of contacts:2, 3, 4
r Type of connector
P : Plug
t Pitch : 2mm
y Termination form
C : Crimp case
q Series Name : DF
w Series No. : 59
e None : Standard
M
:Single contact type (W-to-B M=micro)
r Applicable Wire
22
:22 AWG
2224
:22 to 24 AWG
2628
:26 to 28 AWG
t Form Type/Package Type/Plating type
PCFA : Plug crimping contact·Reel contact·Gold plating
PCA
: Plug crimping contact·Bulk contact·Gold plating
PCF
: Plug crimping contact·Reel contact·Tin plating
PC
: Plug crimping contact·Bulk contact·Tin plating
q Series Name : DF
w Series No. : 59
e None : Standard
S
:Single contact type
SN
:Single contact slim type
r Number of contacts
DF59
:2, 3, 4
DF59S/SN
:1
t Type of connector
P : Plug
y Pitch
2 : DF59 : 2mm (4mm : Without the central contact)
 None : DF59S/SN/M
u Termination form
FC : Floating


Similar Part No. - DF59-22PCA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF59S ETC1-DF59S Datasheet
320Kb / 1P
   3-Way System Mono-Pole Connectors
More results

Similar Description - DF59-22PCA

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
TS-8989 KEYSIGHT-TS-8989 Datasheet
678Kb / 2P
   PXI Functional Test System
logo
Molex Electronics Ltd.
ATS-640160039 MOLEX-ATS-640160039 Datasheet
131Kb / 3P
   ServiceGradeÔ Multi-Functional Tool
07-10-12
logo
List of Unclassifed Man...
PQ09R05 ETC1-PQ09R05 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
logo
Molex Electronics Ltd.
64016-0039 MOLEX-64016-0039 Datasheet
131Kb / 3P
   ServiceGrade횚 Multi-Functional Tool
07-10-12
logo
Logic Fruit Technologie...
SMFD LFTECH-SMFD Datasheet
190Kb / 2P
   Smart Multi-Functional Display (SMFD)
logo
Omron Electronics LLC
H3CR-A OMRON-H3CR-A Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
logo
Keysight Technologies
TS-5020 KEYSIGHT-TS-5020 Datasheet
665Kb / 9P
   TS-5020 Automotive Electronics Functional Test System
TS-8900 KEYSIGHT-TS-8900 Datasheet
770Kb / 63P
   TS-8900 Automotive Electronics Functional Test System
logo
Bivar, Inc.
922-342 BIVAR-922-342 Datasheet
64Kb / 1P
   MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
922-341 BIVAR-922-341 Datasheet
64Kb / 1P
   MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com