Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF59-3P-2C Datasheet(PDF) 1 Page - Hirose Electric

Part # DF59-3P-2C
Description  2mm Pitch, Multi Functional Connector System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF59-3P-2C Datasheet(HTML) 1 Page - Hirose Electric

  DF59-3P-2C Datasheet HTML 1Page - Hirose Electric DF59-3P-2C Datasheet HTML 2Page - Hirose Electric DF59-3P-2C Datasheet HTML 3Page - Hirose Electric DF59-3P-2C Datasheet HTML 4Page - Hirose Electric DF59-3P-2C Datasheet HTML 5Page - Hirose Electric DF59-3P-2C Datasheet HTML 6Page - Hirose Electric DF59-3P-2C Datasheet HTML 7Page - Hirose Electric DF59-3P-2C Datasheet HTML 8Page - Hirose Electric DF59-3P-2C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
DF59 Series
2016.1
e
Features
●Common to all series
1. High Operating Temperature
DF59’s are rated at temperatures up to 105 ç.
●DF59
2. Swing Lock Structure (Wire-to-Board)
The DF59 features a “swing-lock” mechanism that employs
both a positive and friction lock. This helps to prevent
accidental unmating by severe wiring and mechanical stress.
3. Short-Circuit Pin
The Short-Circuit Pin allows the termination of an open circuit.
Typically used at the end of a series of connected circuit boards.
4. Multi Function Design
The DF59 has the ability to function as either a Board-to-
Wire or Board-to-Board System. The PCB mounted
receptacle is designed to mate with the W-to-B, B-to-B,
and Short Circuit Pin connectors. This multi function ability
allows versatility while keeping connectors to a minimum.
5. Contact Design
The terminal design features two-point contact to
ensure a highly reliable connection.
6. Common Applicator
Crimping can be performed using the applicator (AP105-
DF11-22S) for the existing series DF11-22S C F(A), by
replacing the die with the one for DF59 series.
* For crimping quality standards and crimping conditions,
crimping needs to be performed in accordance with the
specific conditions of DF59-22PCFA.
●Common to DF59/59S/59SN
7. Floating Structure (Board-to-Board)
The Board-to-Board connector can be used to connect two PCB
together in a co-planar arrangement and features a “Stress free
contact” that floats ± 0.5mm in the X, Y and Z dimensions.
8. Space Savings
The DF59 series offers high performance in a compact,
space saving design; featuring a 2mm pitch and coupled
with a mated height of only 2.48mm with AWG#22 cable.
The single position floating plugs DF59S and DF59SN
are specifically designed to save space, and can be
mounted in high density applications.
9. Robust locking structure on DF59M (W-to-B Connection)
The lock mechanism on compact DF59M provides
16N horizontal lock strength. (Fig.4)
10. Standardization of PCB layout
The DF59S/SN type is used on board-to-board connections,
and the DF59M type is intended for wire-to-board
connections. Although they have different receptacles, the
PCB mounting pattern can be used for these two types.
Different combinations of these connectors can be used in the
same system with a common PCB. This allows for
standardization of PCB. (Fig.5)
(Note) Each stencil mask is necessary
DF59 floating amount ±0.5mm(X,Y, Z directions)
DF59S/SN floating amount
±0.5mm(X,Y direction), ±0.2mm(Z direction)
2mm Pitch, Multi Functional Connector System
(Floating [Board-to-Board], Swing-Lock [Wire-to-Board], Short-Circuit Pin)
Positive Lock
Friction Lock
2.48mm
Short-Circuit Pin
Swing-Lock Structure
(Board-to-Wire Type)
Fig.1
Fig.2
Fig.3
W-to-B structure (DF59M)
Fig.4
Standardization of PCB pattern
Fig.5
DF59S/SN type and DF59M type can be used in the
same system by using a common PCB.
Clear tactile click and high locking strength achieved
by the robust locking mechanism
Mating force : 16N min. (in a horizontal direction)
16N min.


Similar Part No. - DF59-3P-2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF59S ETC1-DF59S Datasheet
320Kb / 1P
   3-Way System Mono-Pole Connectors
More results

Similar Description - DF59-3P-2C

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
TS-8989 KEYSIGHT-TS-8989 Datasheet
678Kb / 2P
   PXI Functional Test System
logo
Molex Electronics Ltd.
ATS-640160039 MOLEX-ATS-640160039 Datasheet
131Kb / 3P
   ServiceGradeÔ Multi-Functional Tool
07-10-12
logo
List of Unclassifed Man...
PQ09R05 ETC1-PQ09R05 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
logo
Molex Electronics Ltd.
64016-0039 MOLEX-64016-0039 Datasheet
131Kb / 3P
   ServiceGrade횚 Multi-Functional Tool
07-10-12
logo
Logic Fruit Technologie...
SMFD LFTECH-SMFD Datasheet
190Kb / 2P
   Smart Multi-Functional Display (SMFD)
logo
Omron Electronics LLC
H3CR-A OMRON-H3CR-A Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
logo
Keysight Technologies
TS-5020 KEYSIGHT-TS-5020 Datasheet
665Kb / 9P
   TS-5020 Automotive Electronics Functional Test System
TS-8900 KEYSIGHT-TS-8900 Datasheet
770Kb / 63P
   TS-8900 Automotive Electronics Functional Test System
logo
Bivar, Inc.
922-342 BIVAR-922-342 Datasheet
64Kb / 1P
   MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
922-341 BIVAR-922-341 Datasheet
64Kb / 1P
   MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com