Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF65-2428SCFA Datasheet(PDF) 2 Page - Hirose Electric

Part # DF65-2428SCFA
Description  1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF65-2428SCFA Datasheet(HTML) 2 Page - Hirose Electric

  DF65-2428SCFA Datasheet HTML 1Page - Hirose Electric DF65-2428SCFA Datasheet HTML 2Page - Hirose Electric DF65-2428SCFA Datasheet HTML 3Page - Hirose Electric DF65-2428SCFA Datasheet HTML 4Page - Hirose Electric DF65-2428SCFA Datasheet HTML 5Page - Hirose Electric DF65-2428SCFA Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
DF65 Series1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
■Product Specifications
Ratings
Current
Rating
No. of Contacts
24 AWG 26 AWG 28 AWG Operating Temperature Range
Operating aHumidity Range
40 to 105℃(注2)
20 to 80%(注3)
3
4A
2.5A
2.5A
4
Storage Temperature Range
Storage Humidity Range
10 to 60℃(注4)
40 to 70%(注4)
5
6
3.5A
2A
2A
UL/C-UL/File No. and Recognition No.
UL
E52653
C-UL
E52653
7
Voltage Rating Specification
AC/DC 50V
Item
Specifications
Conditions
1. Insulation
resistance
100Mø min.
Measured at DC 100V
2. Withstand voltage
No flashover or breakdown
AC 500V is applied for one minute.
3.Contact resistance
10mø max.
Measured at 1mA and no higher than 20mV
4. Vibration
Resistance
No electrical discontinuity for more than 1µs
10 cycles in each of three directions at frequency
10-55 Hz, half amplitude 0.75mm
5. Shock Resistance
No electrical discontinuity for more than 1µs
Accelerated velocity : 490m/s
2, for 11 ms, half-sine in 3
directions, 3 times for each of the three directions
6. Moisture-
resistance
Contact resistance : 20mø max.
Insulation resistance : 500Mø min.
Temperature : 40 ±2ç ; humidity : 90 to 95%, left
as it is for 96 hours
7. Temperature
cycles
Contact resistance : 20mø max.
Insulation resistance : 500Mø min.
-55ç : 30 minutes → 5 - 35ç : 2 - 3 minutes
→ 85℃ : 30 minutes → 5 - 35ç : 2 - 3 minutes)
5 cycles
8. Durability
Contact resistance : 20mø max.
Tin plated : 30 mating cycles
Gold plated : 50 mating cycles
9. Resistance to
solder heat
The resin components will not become
deformed or lose performance due to
deformities
Reflow : according to the recommended
temperature profile
Hand soldering : temperature of soldering iron at
350ç±10ç for 3 seconds
Note 1 : This is the maximum current rating while all pins are powered or used as all power lines. If you split the current over
multiple lines, please factor in your own safety margin. Please contact Hirose Electric, for inquiries on the assignment
of pins and on the currents that can be delivered.
Note 2 : Includes the temperature rise of power lines.
Note 3 : Use without condensation on parts.
Note 4 : The storage condition refers to long-term storage of the product on the shelf before assembly. Please use the operating
temperature for temporary storage such as pre-assembly and during shipping.
■Materials / Finish
Product
Part
Materials
Finish
UL specification
Header
Insulator
LCP
Black
UL94V-0
Contact
Brass
Tin Plated or Gold plated
Crimp socket
Insulator
LCP
Beige
UL94V-0
Crimp contact
Contact
Phosphorous Bronze
Tin Plated or Gold plated
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
●Header connector
DF 65 - * P - 1.7 V
❶❷
❸ ❹
●Socket connector
DF 65 - * S - 1.7 C
❶❷
❸ ❹
●Crimp contact
DF 65 - 2428 SCF
❶❷
Applicable wire size
 2428:24 to 28 AWG
Packaging style
 SCF : Socket contact・Reel・Tin plated
 SCFA : Socket contact・Reel・Gold plated
Series Name:DF
Series No.
: 65
Number of contacts
: 3, 4, 5, 6, 7
Connector type
P:Header
Pitch
: 1.7mm
Mounting style
 V
: SMT Straight Type
Series Name
: DF
Series No. : 65
Number of contacts
: 3, 4, 5, 6, 7
Connector type
 S:socket
Pitch : 1.7mm
Termination form
 C : crimp case


Similar Part No. - DF65-2428SCFA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF65-2428SCF HIROSE-DF65-2428SCF Datasheet
559Kb / 8P
   Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
More results

Similar Description - DF65-2428SCFA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF58 HIROSE-DF58 Datasheet
315Kb / 8P
   Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
DF57 HIROSE-DF57_17 Datasheet
308Kb / 8P
   Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF61Y HIROSE-DF61Y Datasheet
559Kb / 8P
   Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
DF61 HIROSE-DF61 Datasheet
1Mb / 8P
   Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
DF60 HIROSE-DF60 Datasheet
489Kb / 12P
   65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
DF63 HIROSE-DF63 Datasheet
829Kb / 8P
   15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
   1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com