Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF59-2P-2C Datasheet(PDF) 7 Page - Hirose Electric

Part # DF59-2P-2C
Description  2mm Pitch, Multi Functional Connector System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF59-2P-2C Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF59-2P-2C Datasheet HTML 3Page - Hirose Electric DF59-2P-2C Datasheet HTML 4Page - Hirose Electric DF59-2P-2C Datasheet HTML 5Page - Hirose Electric DF59-2P-2C Datasheet HTML 6Page - Hirose Electric DF59-2P-2C Datasheet HTML 7Page - Hirose Electric DF59-2P-2C Datasheet HTML 8Page - Hirose Electric DF59-2P-2C Datasheet HTML 9Page - Hirose Electric DF59-2P-2C Datasheet HTML 10Page - Hirose Electric DF59-2P-2C Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
DF59 Series2mm Pitch, Multi Functional Connector System (Floating [Board-to-Board], Swing-Lock [Wire-to-Board], Short-Circuit Pin)
Part No.
HRS No.
DF59S-1P-FC(21)
667-0023-3 21
Note : Please order in full reel quantities. (10,000 pcs/reel)
Plug center
markings
HRS logo mark
CAV No.
2.±0.37
1.13±0.2
Single Contact Type Floating Plug
[Specification No.]
(21) : Tin plating, emboss packaging
CAV No.
HRS logo mark
Plug center
markings
1.17±0.2
1.7±0.2
Single Contact Slim Type Floating Plug
Part No.
HRS No.
DF59SN-1P-FC(21)
667-0028-7 21
Note : Please order in full reel quantities. (10,000 pcs/reel)
Note : Use the special (DF59SN-1P-FC/IN-TOOL) tool for connector insertion.
[Specification No.]
(21) : Tin plating, emboss packaging
Part No.
HRS No.
DF59S-1S-V(21)
667-0024-6 21
Note : Please order in full reel quantities. (10,000 pcs/reel)
Contact
portion
Lock portion
Board edge
Board
edge
1.5±0.05
1.5±0.05
Distance between pads:3.0mm Min.
Distance between pads:3.0mm Min.
Contact
portion
Lock
portion
B-B
Unreeling Direction
B
B
A
A
A-A
4±0.1
4±0.1
2±0.1
t=0.3±0.05
Lock portion
Contact portion
Vacuum area
1.7±0.3
1.1±0.2
1.7±0.3
1.1±0.2
1±0.15
1±0.2
1±0.2
Single Contact Type Straight Receptacle (SMT)
[Specification No.]
(21) : Tin plating, emboss packaging
●Packaging Dimensions
●Recommended PCB Dimensions (t=1.6mm)
Mount the lock portion side
towards the board edge.


Similar Part No. - DF59-2P-2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF59S ETC1-DF59S Datasheet
320Kb / 1P
   3-Way System Mono-Pole Connectors
More results

Similar Description - DF59-2P-2C

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
TS-8989 KEYSIGHT-TS-8989 Datasheet
678Kb / 2P
   PXI Functional Test System
logo
Molex Electronics Ltd.
ATS-640160039 MOLEX-ATS-640160039 Datasheet
131Kb / 3P
   ServiceGradeÔ Multi-Functional Tool
07-10-12
logo
List of Unclassifed Man...
PQ09R05 ETC1-PQ09R05 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
logo
Molex Electronics Ltd.
64016-0039 MOLEX-64016-0039 Datasheet
131Kb / 3P
   ServiceGrade횚 Multi-Functional Tool
07-10-12
logo
Logic Fruit Technologie...
SMFD LFTECH-SMFD Datasheet
190Kb / 2P
   Smart Multi-Functional Display (SMFD)
logo
Omron Electronics LLC
H3CR-A OMRON-H3CR-A Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
logo
Keysight Technologies
TS-5020 KEYSIGHT-TS-5020 Datasheet
665Kb / 9P
   TS-5020 Automotive Electronics Functional Test System
TS-8900 KEYSIGHT-TS-8900 Datasheet
770Kb / 63P
   TS-8900 Automotive Electronics Functional Test System
logo
Bivar, Inc.
922-342 BIVAR-922-342 Datasheet
64Kb / 1P
   MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
922-341 BIVAR-922-341 Datasheet
64Kb / 1P
   MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com