Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF-C-PO(B) Datasheet(PDF) 5 Page - Hirose Electric

Part # DF-C-PO(B)
Description  1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF-C-PO(B) Datasheet(HTML) 5 Page - Hirose Electric

  DF-C-PO(B) Datasheet HTML 1Page - Hirose Electric DF-C-PO(B) Datasheet HTML 2Page - Hirose Electric DF-C-PO(B) Datasheet HTML 3Page - Hirose Electric DF-C-PO(B) Datasheet HTML 4Page - Hirose Electric DF-C-PO(B) Datasheet HTML 5Page - Hirose Electric DF-C-PO(B) Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
DF65 Series1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
Tooling Information
Item
Part No.
HRS No.
Applicable contact
Applicator
AP105-DF65-2428S
901-4630-0 00
DF65-2428SCF, DF65-2428SCFA
Press body
CM-105C
901-0001-0 00
Hand tool
HT305/DF65-2428S (Note3)
550-0306-8 00
DF65-2428SCF, DF65-2428SCFA
Extraction tool
DF-C-PO
(B)
550-0179-2 00
DF65-2428SCF
Note 1 : Hirose does not cover damage created by the use of unapproved Hirose Tools. Please contact your local
Hirose Sales for clarification.
Note 2 : Please conduct crimping work according to the "Crimping work standards" and "Crimping condition table".
Note 3 : The compatible wire is limited to UL10368, 24 to 28 AWG.
Precautionary notes
1. Recommended Soldering
Profile
(Compatible with lead-free
soldering)
[Applicable Conditions]
1. Peak temperature : MAX 250ç
2. Heating Area: 220ç or above, within 60sec .
3. Preheating Area: 150~180ç , 90~120 sec.
* Measurement is conducted at the contact lead part
Please check the mounting conditions before use, conditions such as
solder paste types, manufacturer, PCB size and any other soldering
materials may alter the performance of such materials.
(Note 1) This temperature profile is a recommended value only; please
contact your Hirose Sales Rep for more information
2. Recommended hand
soldering conditions
Temperature of soldering iron: 350±10ç, soldering time: no more than 3
seconds
3. Recommended screen
thickness, aperture ratio
(pattern surface ratio)
Thickness: 0.1mm, aperture opening ratio: 100%
4. Warping of PC Board
A maximum of 0.02mm at the center of connector, as measured from either
end of the connector
5. Cleaning Conditions
IPA cleaning is allowed. (Cleaning is not recommended because
cleaning may change the push/pull feeling etc. Please contact your local
Hirose representative prior to the use of any cleaning agents.)
6. Precautions
■ When inserting the crimp contact into the crimp socket, do not insert it at a
slanted angle to maintain the reliability of its performance.
■ Please use caution when mating/unmating this connector if it has not been
mounted onto the PCB, doing so could deform or damage the contacts.
■ Do not pull on the wires of this connector as this may cause damage to the
connector.
■ During the hand soldering process, make sure to not apply too much flux.
Doing so may cause a solder wicking problem.
■ This product may experience some differences in color from one production
lot to another. This color difference does not influence the performance of
the connector.
■ For handling precautions to be used during the insertion/removal process,
please refer to the “DF65 Push-pull procedure”.


Similar Part No. - DF-C-PO(B)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF-C-PO(B) HIROSE-DF-C-PO(B) Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF-C-PO(B) HIROSE-DF-C-PO(B) Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF-C-PO(B) HIROSE-DF-C-PO(B) Datasheet
308Kb / 8P
   Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
DF-C-PO(B) HIROSE-DF-C-PO(B) Datasheet
776Kb / 12P
   2mm Pitch, Multi Functional Connector System
DF-C-PO(B) HIROSE-DF-C-PO(B) Datasheet
559Kb / 8P
   Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
More results

Similar Description - DF-C-PO(B)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF58 HIROSE-DF58 Datasheet
315Kb / 8P
   Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
DF57 HIROSE-DF57_17 Datasheet
308Kb / 8P
   Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF61Y HIROSE-DF61Y Datasheet
559Kb / 8P
   Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
DF61 HIROSE-DF61 Datasheet
1Mb / 8P
   Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
DF60 HIROSE-DF60 Datasheet
489Kb / 12P
   65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
DF63 HIROSE-DF63 Datasheet
829Kb / 8P
   15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
   1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com