Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF60-4P-10.16DSA(27) Datasheet(PDF) 11 Page - Hirose Electric

Part # DF60-4P-10.16DSA(27)
Description  65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF60-4P-10.16DSA(27) Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF60-4P-10.16DSA(27) Datasheet HTML 4Page - Hirose Electric DF60-4P-10.16DSA(27) Datasheet HTML 5Page - Hirose Electric DF60-4P-10.16DSA(27) Datasheet HTML 6Page - Hirose Electric DF60-4P-10.16DSA(27) Datasheet HTML 7Page - Hirose Electric DF60-4P-10.16DSA(27) Datasheet HTML 8Page - Hirose Electric DF60-4P-10.16DSA(27) Datasheet HTML 9Page - Hirose Electric DF60-4P-10.16DSA(27) Datasheet HTML 10Page - Hirose Electric DF60-4P-10.16DSA(27) Datasheet HTML 11Page - Hirose Electric DF60-4P-10.16DSA(27) Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
DF60 Series
65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply(UL, C-UL, TÜV certified product)
BPrecautionary notes
1.Recommended soldering
conditions
■ Soldering profile when using an automatic soldering device
Soldering temperature: 260
℃ ; Soldering time: no more than 10 seconds
■ Hand soldering conditions
Temperature of soldering iron: 350±10
℃ , soldering time: no more than 3 seconds
2. Cleaning Conditions
Please refer to the "Wire-to-Board Connector Guide".
Cleaning with IPA is allowed. (Other cleaning agents are not recommended due to the
fact that it may change the push/pull feeling. Please contact us when you use other
cleaning agents. )
3. Wiring condition
Please refer to the "Wire-to-Board Connector Guide" and "DF60 Harness procedure".
4. Important notes
■ Caution is required for mating and un-mating the connector without it being mounting
on a PCB. Doing so can damage or deform the contacts.
■ During hand soldering, do not apply excess amounts flux which can migrate on to the
connector.
■ This product may have a slight differences in color depending on the production lot.
This difference does not have any influence on the performance.
■ Please refer to "DF60 Harness procedure" for the handling precautions during mating
and un-mating operations.
5. Handling instructions
Please refer to the "Wire-to-Board Connector Guide”.
6. Right angle pin header
 Precautions for use
Since the lead mounting part has some exposed parts,
please insure sufficient clearance when mounting other
parts near this connector.
7. In-line connector
Panel fixing operation
① Insert a M3 nut from the lateral direction.
②Push the nut in the direction of the arrow.
③Nut insertion is then complete.
④Panel mounting is completed by installing a
connector on the panel cutout hole and
tightening wit a M3 screw. Torque value is
49N·cm max.
Lead part


Similar Part No. - DF60-4P-10.16DSA(27)

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF600R12IP4D INFINEON-DF600R12IP4D Datasheet
1Mb / 9P
   PrimePACK?? Modul mit Trench/Feldstopp IGBT4, gr철횩erer Emitter Controlled 4 Diode
2009-08-14 revision:2.2
logo
SanRex Corporation
DF60AA120 SANREX-DF60AA120 Datasheet
91Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF60AA160 SANREX-DF60AA160 Datasheet
91Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF60BA40 SANREX-DF60BA40 Datasheet
91Kb / 2P
   DIODE (THREE PHASES BRIDGE TYPE)
DF60BA80 SANREX-DF60BA80 Datasheet
91Kb / 2P
   DIODE (THREE PHASES BRIDGE TYPE)
More results

Similar Description - DF60-4P-10.16DSA(27)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF63 HIROSE-DF63 Datasheet
829Kb / 8P
   15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
DF58 HIROSE-DF58 Datasheet
315Kb / 8P
   Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
logo
Hirose Electric
DF65 HIROSE-DF65 Datasheet
1Mb / 6P
   1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
   BOARD TO WIRE CONNECTORS 3.96mm PITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com