Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF61Y Datasheet(PDF) 6 Page - Hirose Electric

Part # DF61Y
Description  Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF61Y Datasheet(HTML) 6 Page - Hirose Electric

  DF61Y Datasheet HTML 1Page - Hirose Electric DF61Y Datasheet HTML 2Page - Hirose Electric DF61Y Datasheet HTML 3Page - Hirose Electric DF61Y Datasheet HTML 4Page - Hirose Electric DF61Y Datasheet HTML 5Page - Hirose Electric DF61Y Datasheet HTML 6Page - Hirose Electric DF61Y Datasheet HTML 7Page - Hirose Electric DF61Y Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
DF61Y SeriesSmall-Sized, Low Profile Wire-to-Board Connector for Power Supply
Usage Recommendations
7. Insertion and removal
operation
Insertion operation
Insertion operation shall be carried out in steps (1) placing the crimp socket, (2) insertion, and
(3) check the mated state.
(1) Placing the crimp socket
Place the crimp socket so that the friction locks in 4 places in front and behind the crimp
socket come into contact with the header.
(2) Insertion
Press down on the center of the crimp socket, and mating is complete.
(3) Checking the mated state
Check if the crimp socket is securely mated.
If one end floats or is mated at an angle, unmate, and mate it again.
When the crimp socket is inserted, it is possible that only the friction lock on the cable side
is inserted, as shown in the Figure below.
In this case, push the non-cable side of the crimp socket to correctly mate.
If the connector is inserted when the crimp socket isn't placed correctly, it is possible that
only the friction lock on the non-cable side is inserted, as shown in the Figure below.
In this case, unmate, and mate again.
Forcible mating will lower the retention force.
Friction lock
When crimp socket is correctly aligned,
the top of the crimp socket is parallel to the board.
Press down at the center.
Mating is complete.
Push the non-cable side of the crimp socket.
Insert again.


Similar Part No. - DF61Y

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF61 HIROSE-DF61 Datasheet
1Mb / 8P
   Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
DF61-2226SCF HIROSE-DF61-2226SCF Datasheet
1Mb / 8P
   Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
DF61-2628SCF HIROSE-DF61-2628SCF Datasheet
1Mb / 8P
   Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
DF61-2P-22V HIROSE-DF61-2P-22V Datasheet
1Mb / 8P
   Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
DF61-2S-22C HIROSE-DF61-2S-22C Datasheet
1Mb / 8P
   Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
More results

Similar Description - DF61Y

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF58 HIROSE-DF58 Datasheet
315Kb / 8P
   Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
   1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
logo
Hirose Electric
DF57 HIROSE-DF57_17 Datasheet
308Kb / 8P
   Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
DF61 HIROSE-DF61 Datasheet
1Mb / 8P
   Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
DF65 HIROSE-DF65 Datasheet
1Mb / 6P
   1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
logo
New Japan Radio
NJU7109F3-TE1 NJRC-NJU7109F3-TE1 Datasheet
149Kb / 8P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7109 NJRC-NJU7109 Datasheet
176Kb / 7P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
logo
Hirose Electric
DF60 HIROSE-DF60 Datasheet
489Kb / 12P
   65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
DF63 HIROSE-DF63 Datasheet
829Kb / 8P
   15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
logo
New Japan Radio
NJU7119 NJRC-NJU7119 Datasheet
178Kb / 10P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com