Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF33C-8DP-3.3DSA Datasheet(PDF) 5 Page - Hirose Electric

Part # DF33C-8DP-3.3DSA
Description  3.3mm Pitch Small Size Connectors for Internal Power Source
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33C-8DP-3.3DSA Datasheet(HTML) 5 Page - Hirose Electric

  DF33C-8DP-3.3DSA Datasheet HTML 1Page - Hirose Electric DF33C-8DP-3.3DSA Datasheet HTML 2Page - Hirose Electric DF33C-8DP-3.3DSA Datasheet HTML 3Page - Hirose Electric DF33C-8DP-3.3DSA Datasheet HTML 4Page - Hirose Electric DF33C-8DP-3.3DSA Datasheet HTML 5Page - Hirose Electric DF33C-8DP-3.3DSA Datasheet HTML 6Page - Hirose Electric DF33C-8DP-3.3DSA Datasheet HTML 7Page - Hirose Electric DF33C-8DP-3.3DSA Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
DF33C Series
3.3mm Pitch Small Size Connectors for Internal Power Source
Single row retainer
CAV No.
HRS logo mark
A
B
P=3.3
0.65
HRS logo mark
CAV No.
A
P=3.3
B
Double row retainer
Part No.
HRS No.
No.of Contacts
AB
Packing
DF33C-2RS-3.3
676-1141-6 00
2
6.2
3.3
100pcs/
pack
DF33C-3RS-3.3
676-1142-9 00
3
9.5
6.6
DF33C-4RS-3.3
676-1143-1 00
4
12.8
9.9
DF33C-5RS-3.3
676-1144-4 00
5
16.1
13.2
DF33C-6RS-3.3
676-1145-7 00
6
19.4
16.5
Part No.
HRS No.
No.of Contacts
AB
Packing
DF33C-4RDS-3.3
676-1125-0 00
4
3.3
8.0
100pcs/
pack
DF33C-6RDS-3.3
676-1126-2 00
6
6.6
11.3
DF33C-8RDS-3.3
676-1127-5 00
8
9.9
14.6
DF33C-10RDS-3.3
676-1128-8 00
10
13.2
17.9
DF33C-12RDS-3.3
676-1129-0 00
12
16.5
21.2


Similar Part No. - DF33C-8DP-3.3DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF33-12DP-3.3C HIROSE-DF33-12DP-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12DP-3.3DSA HIROSE-DF33-12DP-3.3DSA Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12DS-3.3C HIROSE-DF33-12DS-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12DS-3.3DSA HIROSE-DF33-12DS-3.3DSA Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12P-3.3C HIROSE-DF33-12P-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
More results

Similar Description - DF33C-8DP-3.3DSA

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
BNI JST-BNI Datasheet
118Kb / 4P
   3.3mm pitch/Disconnectable Crimp style connectors
logo
Hirose Electric
DF63W HIROSE-DF63W Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
logo
Wabash Transformer Inc.
PSV-01-10 WABASH-PSV-01-10 Datasheet
678Kb / 2P
   Small Size Power Transformer
logo
Panasonic Battery Group
PQ PANASONICBATTERY-PQ Datasheet
61Kb / 3P
   1a 5A small size power relay for interface
logo
Intersil Corporation
ISL98608 INTERSIL-ISL98608 Datasheet
124Kb / 2P
   High Efficiency Power Supply for Small Size Displays
December 23, 2014
logo
NXP Semiconductors
PQ1A-12V NXP-PQ1A-12V Datasheet
61Kb / 3P
   1a 5A small size power relay for interface
logo
Renesas Technology Corp
ISL98608 RENESAS-ISL98608 Datasheet
4Mb / 39P
   High Efficiency Power Supply for Small Size Displays
logo
Intersil Corporation
ISL98607R5576 INTERSIL-ISL98607R5576 Datasheet
797Kb / 23P
   High Efficiency Power Supply for Small Size Displays
May 7, 2014
logo
Anpec Electronics Corop...
APW7252 ANPEC-APW7252 Datasheet
398Kb / 24P
   High Efficiency Power Supply for Small Size Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com