Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF13-7P-1.25DS(20) Datasheet(PDF) 5 Page - Hirose Electric

Part # DF13-7P-1.25DS(20)
Description  1.25mm Pitch Miniature Crimping Connector (UL Listed)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13-7P-1.25DS(20) Datasheet(HTML) 5 Page - Hirose Electric

  DF13-7P-1.25DS(20) Datasheet HTML 1Page - Hirose Electric DF13-7P-1.25DS(20) Datasheet HTML 2Page - Hirose Electric DF13-7P-1.25DS(20) Datasheet HTML 3Page - Hirose Electric DF13-7P-1.25DS(20) Datasheet HTML 4Page - Hirose Electric DF13-7P-1.25DS(20) Datasheet HTML 5Page - Hirose Electric DF13-7P-1.25DS(20) Datasheet HTML 6Page - Hirose Electric DF13-7P-1.25DS(20) Datasheet HTML 7Page - Hirose Electric DF13-7P-1.25DS(20) Datasheet HTML 8Page - Hirose Electric DF13-7P-1.25DS(20) Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
B246
DF13 Series
1.25mm Pitch Miniature Crimping Connector (UL Listed)
■Single Row Straight Pin Header (SMT)
(Three-Wall/Correspond to Vacuum Absorption)
[Specific No.] (
**), **
(21) : Tin plated embossed tape packaging
(51) : Gold plated embossed tape packaging
This pin header is a three-wall type, header has sufficiently large flat areas to allow
pick-up with vacuum nozzles of automatic placement equipment.
BPCB mounting pattern
Note 1.Please order the embossed tape packaging product according to reel number. (1000pcs/reel)
Note 1.Shaded area must be free of any
electrically conductive traces to
avoid contact with soldered pin
header terminations.
Unit : mm
Part No.
HRS No.
DF13C- 2P-1.25V(
**)
DF13C- 3P-1.25V(
**)
DF13C- 4P-1.25V(
**)
DF13C- 5P-1.25V(
**)
DF13C- 6P-1.25V(
**)
DF13C- 7P-1.25V(
**)
DF13C- 8P-1.25V(
**)
DF13C- 9P-1.25V(
**)
DF13C-10P-1.25V(
**)
DF13C-11P-1.25V(
**)
DF13C-12P-1.25V(
**)
DF13C-14P-1.25V(
**)
DF13C-15P-1.25V(
**)
536-0401-2
**
536-0402-5
**
536-0403-8
**
536-0404-0
**
536-0405-3
**
536-0406-6
**
536-0407-9
**
536-0408-1
**
536-0409-4
**
536-0410-3
**
536-0411-6
**
536-0413-1
**
536-0414-4
**
2
3
4
5
6
7
8
9
10
11
12
14
15
1.25
2.50
3.75
5.00
6.25
7.50
8.75
10.00
11.25
12.50
13.75
16.25
17.50
No. of Contacts
A
4.15
5.40
6.65
7.90
9.15
10.40
11.65
12.90
14.15
15.40
16.65
19.15
20.40
B
7.15
8.40
9.65
10.90
12.15
13.40
14.65
15.90
17.15
18.40
19.65
22.15
23.40
C
5.65
6.90
8.15
9.40
10.65
11.90
13.15
14.40
15.65
16.90
18.15
20.65
21.90
D
1.95
3.20
4.45
5.70
6.95
8.20
9.45
10.70
11.95
13.20
14.45
16.95
18.20
2.20
3.45
3.10
4.35
5.60
6.85
8.10
9.35
10.60
11.85
13.10
15.60
16.85
E
F
16
16
24
24
24
24
24
24
24
32
32
32
44
Yes
Emboss
Width
RoHS


Similar Part No. - DF13-7P-1.25DS(20)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13-7P-1.25DS HIROSE-DF13-7P-1.25DS Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13-7P-1.25DSA HIROSE-DF13-7P-1.25DSA Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
More results

Similar Description - DF13-7P-1.25DS(20)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
   1.25mm Pitch Miniature Crimping Connector
DF13-2S-1.25C HIROSE-DF13-2S-1.25C Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com