Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF3A-8P-2DSA Datasheet(PDF) 5 Page - Hirose Electric

Part # DF3A-8P-2DSA
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3A-8P-2DSA Datasheet(HTML) 5 Page - Hirose Electric

  DF3A-8P-2DSA Datasheet HTML 1Page - Hirose Electric DF3A-8P-2DSA Datasheet HTML 2Page - Hirose Electric DF3A-8P-2DSA Datasheet HTML 3Page - Hirose Electric DF3A-8P-2DSA Datasheet HTML 4Page - Hirose Electric DF3A-8P-2DSA Datasheet HTML 5Page - Hirose Electric DF3A-8P-2DSA Datasheet HTML 6Page - Hirose Electric DF3A-8P-2DSA Datasheet HTML 7Page - Hirose Electric DF3A-8P-2DSA Datasheet HTML 8Page - Hirose Electric DF3A-8P-2DSA Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
B211
DF3 Series
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
●Board Through-hole Diameter : Ø0.8+0+0.1
■Receptacle
Note2 : Please order the tube packaging at the multiplied tube packaging quantity (pieces).
Note1 : The product's contact number indicated
Unit: mm
Part No.
HRS No.
DF3-2S-2DSA(**)
DF3-3S-2DSA(**)
DF3-4S-2DSA(**)
DF3-5S-2DSA(**)
DF3-6S-2DSA(**)
DF3-7S-2DSA(**)
DF3-8S-2DSA(**)
543-0048-6
**
543-0049-9
**
543-0050-8
**
543-0051-0
**
543-0052-3
**
543-0053-6
**
543-0054-9
**
2
3
4
5
6
7
8
06
08
10
12
14
16
18
02
04
06
08
10
12
14
No. of
Contacts
A
B
80 pieces
60
48
40
34
30
27
YES
Tube Package
Quantity
RoHS
Part No.
HRS No.
DF3- 9S-2DSA(**)
DF3-10S-2DSA(**)
DF3-11S-2DSA(**)
DF3-12S-2DSA(**)
DF3-13S-2DSA(**)
DF3-14S-2DSA(**)
DF3-15S-2DSA(**)
543-0055-1
**
543-0056-4
**
543-0057-7
**
543-0058-0
**
543-0059-2
**
543-0060-1
**
543-0061-4
**
09
10
11
12
13
14
15
20
22
24
26
28
30
32
16
18
20
22
24
26
28
No. of
Contacts
A
B
24 pieces
21
20
18
17
16
15
YES
Tube Package
Quantity
RoHS
[Specific No.] (
* *), * *
(25) : Tin plated, Tube packaging
(55) : Gold plated, Tube packaging
This picture shows the Contact
crimped status.
■Crimping Socket
Note1 : The product's contact number indicated.
Note2 : The quantity for delivery of the specification No. "None" is determined per bag (100 pcs.).
If needed, please order the products per bag.
Unit : mm
Part No.
HRS No.
DF3-2S-2C(**)
DF3-3S-2C(**)
DF3-4S-2C(**)
DF3-5S-2C(**)
DF3-6S-2C(**)
DF3-7S-2C(**)
DF3-8S-2C(**)
543-0003-8
**
543-0004-0
**
543-0005-3
**
543-0006-6
**
543-0007-9
**
543-0008-1
**
543-0009-4
**
2
3
4
5
6
7
8
06
08
10
12
14
16
18
02
04
06
08
10
12
14
YES
No. of
Contacts
A
B
RoHS
Part No.
HRS No.
DF3-19S-2C(**)
DF3-10S-2C(**)
DF3-11S-2C(**)
DF3-12S-2C(**)
DF3-13S-2C(**)
DF3-14S-2C(**)
DF3-15S-2C(**)
543-0010-3
**
543-0011-6
**
543-0012-9
**
543-0013-1
**
543-0014-4
**
543-0015-7
**
543-0016-0
**
09
10
11
12
13
14
15
20
22
24
26
28
30
32
16
18
20
22
24
26
28
YES
No. of
Contacts
A
B
RoHS
[Specific No.] (
* *), * *
Blank : 100pcs/pack


Similar Part No. - DF3A-8P-2DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3A-8P-2DSA HIROSE-DF3A-8P-2DSA Datasheet
417Kb / 12P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3A-8P-2DSA HIROSE-DF3A-8P-2DSA Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3A-8P-2DSA HIROSE-DF3A-8P-2DSA Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3A-8P-2DSA HIROSE-DF3A-8P-2DSA Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3A-8P-2DSA HIROSE-DF3A-8P-2DSA Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results

Similar Description - DF3A-8P-2DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3DZ-2P-2H51 HIROSE-DF3DZ-2P-2H51 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26 Datasheet
417Kb / 12P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Hirose Electric
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com