Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF13-11S-1.25C Datasheet(PDF) 8 Page - Hirose Electric

Part # DF13-11S-1.25C
Description  1.25mm Pitch Miniature Crimping Connector (UL Listed)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13-11S-1.25C Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF13-11S-1.25C Datasheet HTML 4Page - Hirose Electric DF13-11S-1.25C Datasheet HTML 5Page - Hirose Electric DF13-11S-1.25C Datasheet HTML 6Page - Hirose Electric DF13-11S-1.25C Datasheet HTML 7Page - Hirose Electric DF13-11S-1.25C Datasheet HTML 8Page - Hirose Electric DF13-11S-1.25C Datasheet HTML 9Page - Hirose Electric DF13-11S-1.25C Datasheet HTML 10Page - Hirose Electric DF13-11S-1.25C Datasheet HTML 11Page - Hirose Electric DF13-11S-1.25C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
B249
DF13 Series
1.25mm Pitch Miniature Crimping Connector (UL Listed)
■Crimping Contact
1
1.5
0.15
SMT
(Double Row Product)
Through hole
(Single Row Product)
SMT
(Single Row Product)
BApplicable Crimping Tool
BApplication Pattern
Type
Part No.
HRS No.
Applicable Contact
AP105-DF13-2630S
901-4531-9
DF13-2630SCF/SCFA
Applicator
DF13G-2630SCF/SCFA
AP105-DF13-3032S
901-4552-9
DF13-3032SCF/SCFA
Press Main Unit
CM-105C
901-0001-0
---------------
Manual Crimping Tool DF13-TB2630HC
550-0256-1
DF13-2630SCF
DF13-2630SCF/SCFA
Extraction Tool
DF-C-PO(B)
550-0179-2
DF13G-2630SCF/SCFA
DF13-3032SCF/SCFA
Note 1. If a trouble has occurred due to other tools, which are not designated by Hirose,
Hirose won't guarantee any product.
Note 2. The manual crimping tool is used to sequentially cut the reel contact with carrier.
Note 3. Please conduct crimping work according to the "Crimping quality standard" and
"Crimping condition table".
KDF13
KDF13G
Part No.
HRS No.
Packaging
Recommended wire
RoHS
Finish
Tin plating
Gold plating
Tin plating
Gold plating
Yes
DF13-2630SCF
DF13-3032SCF
DF13-2630SCFA(04)
DF13-3032SCFA
DF13G-2630SCF
DF13G-2630SCFA
536-0300-5
536-0299-8
536-0298-5 04
536-0641-6 00
536-0643-1
536-0642-9
UL style
1061
1571
1061
1571
1061
1571
1061
1571
1061
1571
1061
1571
Wire size
26AWG
28AWG
30AWG
30AWG
32AWG
26AWG
28AWG
30AWG
30AWG
32AWG
26AWG
28AWG
30AWG
26AWG
28AWG
30AWG
Wire conductor
7
pieces/φ0.16mm
7pieces/
φ0.127mm
7pieces/
φ0.1mm
7pieces/
φ0.1mm
7pieces/
φ0.08mm
7pieces/
φ0.16mm
7pieces/
φ0.127mm
7pieces/
φ0.1mm
7pieces/
φ0.1mm
7pieces/
φ0.08mm
7pieces/
φ0.16mm
7pieces/
φ0.127mm
7pieces/
φ0.1mm
7pieces/
φ0.16mm
7pieces/
φ0.127mm
7pieces/
φ0.1mm
Jacket diameter
φ0.56 to
φ1.0mm
φ0.52 to
φ0.8mm
φ0.56 to
φ1.0mm
φ0.52 to
φ0.8mm
φ0.56 to
φ1.0mm
φ0.56 to
φ1.0mm
10,000pcs/reel
10,000pcs/reel
10,000pcs/reel
(Low insertion/extraction)
Note 1. Contact extraction tool : DF-C-PO(B)
Note 2. Material used as a conductor of recommended wire is annealed tinned
copper wire.
Note 3. Please contact your local Hirose sales REP if you plan on using wires other
than those listed above.


Similar Part No. - DF13-11S-1.25C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13-11S-1.25C HIROSE-DF13-11S-1.25C Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
More results

Similar Description - DF13-11S-1.25C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
   1.25mm Pitch Miniature Crimping Connector
DF13-2S-1.25C HIROSE-DF13-2S-1.25C Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com