Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA30TA60C Datasheet(PDF) 6 Page - International Rectifier

Part # HFA30TA60C
Description  Ultrafast, Soft Recovery Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA30TA60C Datasheet(HTML) 6 Page - International Rectifier

  HFA30TA60C Datasheet HTML 1Page - International Rectifier HFA30TA60C Datasheet HTML 2Page - International Rectifier HFA30TA60C Datasheet HTML 3Page - International Rectifier HFA30TA60C Datasheet HTML 4Page - International Rectifier HFA30TA60C Datasheet HTML 5Page - International Rectifier HFA30TA60C Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
HFA30TA60C
Bulletin PD -2.335 rev. A 11/00
6
Conforms to JEDEC Outline TO-220AB
Dimensions in millimeters and inches
http://www.irf.com
Fax-On-Demand: +44 1883 733420
Data and specifications subject to change without notice.
233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332.
Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408.
15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801.
Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933.
Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220.
K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086.
1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630.
16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936.
WORLDHEADQUARTERS:
EUROPEAN HEADQUARTERS:
IR CANADA:
IR GERMANY:
IRITALY:
IR FAR EAST:
IR SOUTHEAST ASIA:
IR TAIWAN:
3.78 (0.15)
3.54 (0.14)
10.54 (0.41)
MAX.
DIA.
15.24 (0.60)
14.84 (0.58)
2.92 (0.11)
2.54 (0.10)
1
TERM 2
14.09 (0.55)
13.47 (0.53)
3.96 (0.16)
3.55 (0.14)
0.94 (0.04)
0.69 (0.03)
4.57 (0.18)
4.32 (0.17)
3
0.61 (0.02) MAX.
5.08 (0.20) REF.
1.32 (0.05)
1.22 (0.05)
6.48 (0.25)
6.23 (0.24)
0.10 (0.004)
1.40 (0.05)
1.15 (0.04)
2.89 (0.11)
2.64 (0.10)
1
3
2.04 (0.080) MAX.
2
2


Similar Part No. - HFA30TA60C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA30TA60C VISHAY-HFA30TA60C Datasheet
205Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 29-Jul-08
logo
International Rectifier
HFA30TA60CPBF IRF-HFA30TA60CPBF Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFA30TA60CPBF VISHAY-HFA30TA60CPBF Datasheet
207Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 25-Jul-08
logo
International Rectifier
HFA30TA60CS IRF-HFA30TA60CS Datasheet
165Kb / 6P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFA30TA60CS VISHAY-HFA30TA60CS Datasheet
180Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 22-Oct-08
More results

Similar Description - HFA30TA60C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com