Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCD66712UA03BP Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HCD66712UA03BP
Description  Dot-Matrix Liquid Crystal Display Controller/Driver
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HCD66712UA03BP Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HCD66712UA03BP Datasheet HTML 1Page - Hitachi Semiconductor HCD66712UA03BP Datasheet HTML 2Page - Hitachi Semiconductor HCD66712UA03BP Datasheet HTML 3Page - Hitachi Semiconductor HCD66712UA03BP Datasheet HTML 4Page - Hitachi Semiconductor HCD66712UA03BP Datasheet HTML 5Page - Hitachi Semiconductor HCD66712UA03BP Datasheet HTML 6Page - Hitachi Semiconductor HCD66712UA03BP Datasheet HTML 7Page - Hitachi Semiconductor HCD66712UA03BP Datasheet HTML 8Page - Hitachi Semiconductor HCD66712UA03BP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
364
HD66712U
(Dot-Matrix Liquid Crystal Display Controller/Driver)
Description
The HD66712 dot-matrix liquid crystal display controller and driver LSI displays alphanumerics,
numbers, and symbols. It can be configured to drive a dot-matrix liquid crystal display under the control
of a serial or a 4- or 8-bit microprocessor. Since all the functions such as display RAM, character
generator, and liquid crystal driver, required for driving a dot-matrix liquid crystal display are internally
provided on one chip, a minimum system can be interfaced with this controller/driver.
A single HD66712 is capable of displaying a single 24-character line, two 24-character lines, or four 12-
character lines.
The HD66712 software is upwardly compatible with the LCDII (HD44780) which allows the user to
easily replace an LCD-II with an HD66712. In addition, the HD66712 is equipped with functions such as
segment displays for icon marks, a 4-line display mode, and a horizontal smooth scroll, and thus supports
various display forms. This achieves various display forms. The HD66712 character generator ROM is
extended to generate 240 5
× 8 dot characters.
The low-voltage operation (2.7V) of the HD66712, combined with a low-power mode, is suitable for any
portable battery-driven product requiring low power consumption.
Features
• 5 × 8 dot matrix possible
• Clock-synchronized serial interface capability; can interface with 4- or 8-bit MPU
• Low-power operation support:
 2.7 to 5.5V (low voltage)
 Wide liquid-crystal voltage range: 2.7 to 11.0V max.
• Booster for liquid crystal voltage
 Two/three times (13V max.)
• High-speed MPU bus interface
(2MHz at 5-V operation)


Similar Part No. - HCD66712UA03BP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HCD66710A00 HITACHI-HCD66710A00 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
HCD66717A03 HITACHI-HCD66717A03 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HCD66717A03BP HITACHI-HCD66717A03BP Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HCD66717A13BP HITACHI-HCD66717A13BP Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
More results

Similar Description - HCD66712UA03BP

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com