Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG69M220 Datasheet(PDF) 8 Page - Megawin Technology Co., Ltd

Part # MG69M220
Description  Single Chip 8-bit CPU
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MG69M220 Datasheet(HTML) 8 Page - Megawin Technology Co., Ltd

Back Button MG69M220 Datasheet HTML 4Page - Megawin Technology Co., Ltd MG69M220 Datasheet HTML 5Page - Megawin Technology Co., Ltd MG69M220 Datasheet HTML 6Page - Megawin Technology Co., Ltd MG69M220 Datasheet HTML 7Page - Megawin Technology Co., Ltd MG69M220 Datasheet HTML 8Page - Megawin Technology Co., Ltd MG69M220 Datasheet HTML 9Page - Megawin Technology Co., Ltd MG69M220 Datasheet HTML 10Page - Megawin Technology Co., Ltd MG69M220 Datasheet HTML 11Page - Megawin Technology Co., Ltd MG69M220 Datasheet HTML 12Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
This document information is the intellectual property of Megawin Technology.
 Megawin Technology Co., Ltd. 2011 All right reserved.
QP-7300-03D
8/27
MG69M220 Datasheet
Version 1.09
5
Function Description
5.1
Registers
A
Y
X
P
PCH
PCL
1
S
5.2
Accumulator
The accumulator is a general-purpose 8-bit register, which stores the results of most arithmetic and logic
operations. In addition, the accumulator usually contains one of two data words used in these operations.
5.3
Index Register(X,Y)
There are two 8-bit index registers (X and Y), which may be used to count program steps or to provide an index
value to be used in generating an effective address. When executing an instruction, which specifies indexed
addressing, the CPU fetches the OP Code and the base address, and modifies the address by adding the index
register to it prior to performing the desired operation. Pre- or post-index of index address is possible.
5.4
Processor Status Register
The 8-bit processor status register contains seven status flags. Some of the flags are controlled by the program,
others may be controlled both the program and the CPU.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
N
V
1
B
D
I
Z
C
N: Signed flag, 1 = negative, 0 = positive
V: Overflow flag, 1 = true, 0 = false
B: BRK interrupt command, 1 = BRK, 0 = IRQB
D: Decimal mode, 1 = true, 0 = false
I: IRQB disable flag, 1 = disable, 0 = enable
Z: Zero flag, 1 = true, 0 = false
C: Carry flag, 1 = true, 0 = false
5.5
Program Counter(PC)
The 16-bit program counter register provides the addresses, which step the micro-controller through sequential
program instructions. Each time the micro-controller fetches an instruction from program memory, the lower byte of
the program counter (PCL) is placed on the low-order 8 bits of the address bus and the higher byte of the program
counter (PCH) is placed on the high-order 8 bits. The counter is incremented each time an instruction or data is
fetched from program memory.
5.6
Stack Point(S)
The stack pointer is an 8-bit register, which is used to control the addressing of the variable-length stack. The stack
pointer is automatically incremented and decremented under control of the micro-controller to perform stack
manipulations under direction of either the program or interrupts (/NMI or /IRQ). The stack allows simple
implementation of nested subroutines and multiple level interrupts. The stack pointer is initialized by the user’s
firmware.


Similar Part No. - MG69M220

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG69L220A MEGAWIN-MG69L220A Datasheet
505Kb / 27P
   8-Bit Micro-Controller with IO function
MG69L331 MEGAWIN-MG69L331 Datasheet
565Kb / 28P
   Single Chip 8-bit CPU
MG69L340 MEGAWIN-MG69L340 Datasheet
596Kb / 28P
   Single Chip 8-bit CPU
MG69L352 MEGAWIN-MG69L352 Datasheet
529Kb / 25P
   Single Chip 8-bit CPU
MG69L951 MEGAWIN-MG69L951 Datasheet
411Kb / 30P
   Single chip 8-bit micro-controller
More results

Similar Description - MG69M220

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MLC331B MEGAWIN-MLC331B Datasheet
493Kb / 30P
   Single chip 8-bit CPU
MG69L340 MEGAWIN-MG69L340 Datasheet
596Kb / 28P
   Single Chip 8-bit CPU
MA014B MEGAWIN-MA014B Datasheet
206Kb / 14P
   Single chip 8-bit CPU
MG69L331 MEGAWIN-MG69L331 Datasheet
565Kb / 28P
   Single Chip 8-bit CPU
MG69L352 MEGAWIN-MG69L352 Datasheet
529Kb / 25P
   Single Chip 8-bit CPU
logo
NXP Semiconductors
P8XCX66 PHILIPS-P8XCX66 Datasheet
383Kb / 92P
   80C51 8-bit CPU
1999 Mar 10
logo
List of Unclassifed Man...
KL5C8400 ETC-KL5C8400 Datasheet
449Kb / 2P
   HIGH SPEED 8 BIT CPU
logo
Sanyo Semicon Device
LC86E4564 SANYO-LC86E4564 Datasheet
340Kb / 19P
   8-Bit Single-Chip Microcontroller????
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com