Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1-7A1.05 Datasheet(PDF) 2 Page - Hirose Electric

Part # DF1-7A1.05
Description  2.5mm Pitch Connector for Discrete Wire Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1-7A1.05 Datasheet(HTML) 2 Page - Hirose Electric

  DF1-7A1.05 Datasheet HTML 1Page - Hirose Electric DF1-7A1.05 Datasheet HTML 2Page - Hirose Electric DF1-7A1.05 Datasheet HTML 3Page - Hirose Electric DF1-7A1.05 Datasheet HTML 4Page - Hirose Electric DF1-7A1.05 Datasheet HTML 5Page - Hirose Electric DF1-7A1.05 Datasheet HTML 6Page - Hirose Electric DF1-7A1.05 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
B177
DF1 Series
2.5mm Pitch Connector for Discrete Wire Connection
■Product Specifications
Current rating
(Note1)
Voltage rating
AWG 24 : 3A
Cable Size
AWG 26 : 2A
AWG 28 : 1A
250V AC
Storage Temperature Range
Storage Moisture Range
Operating Temperature Range
Operating Moisture Range
-10 to +60ç (Note3)
-40 to 70% (Note3)
-30 to +85ç (Note2)
-40 to 80%
Item
Specification
Condition
1. Insulation Resistance
1000M ohms Min
500V DC
2. Withstanding voltage
No flashover or insulation breakdown.
650V AC/1 minute
3. Contact Resistance
30m ohms Max
100mA
4. Insertor/Extraction Force
MIN0.56N (57gf), MAX4.4N(450gf)
Measure by the square steel pin with 0.635±0.002mm
5. Vibration
No electrical discontinuity of 1μs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
6. Moisture Resistance
Contact resistance: 30m ohms Max Insulation resistance: 1000M ohms Min 96 hours at temperature of 40ç and humidity of 90% to 95%
7. Temperature Cycle
Contact resistance: 30m ohms max.Insulation resistance: 1000M ohms min.
(-55ç: 30 minutes
➝ 5~35ç: 10 minutes➝
(-85ç: 30 minutes
➝ 5~35ç: 10 minutes) 5 cycles
8. Durability (Mating/un-mating) Contact resistance: 30m ohms max.
Tin plating: 30 cycles
9. Resistance to Soldering heat
No deformation of components affecting performance.
Flow: 250ç for 10 seconds
Manual soldering: 300ç for 3 seconds
Rating
■Material
Product
Part
Material
Finish
Remarks
Crimping Socket
Insulator
Polyamide
Light Brown
UL94V-0
Crimping Contact
Contact
Phosphor copper
Tin plated
–––––
ID Socket
Insulator
Polyamide
Light Brown
UL94V-0
Contact
Phosphor copper
Tin plated
–––––
Pin Header
Insulator
Polyamide
Light Brown
UL94V-0
Contact
Phosphor copper
Tin plated
–––––
Note 1. The rated current will be changed according to cable sizes for use. For the header only, the rating is 3A.
Note 2: Includes temperature rise caused by current flow.
Note 3: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note 4: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for a
specific part number shown.
Note:Hirose's tin-plated products takes measures against whisker.
■Ordering Information
●Connector
●Protector
DF1
- * S - 2.5 C
q
w er
t
DF1
- * A 1.05
qw
e
q Series Name
: DF1
w Number of Contact : 2 to 16, 20
e Connector Type
S: Socket
P: Pin Header
r Contact Pitch
: 2.5mm
t Contact Type
C
: Crimping socket
R24
: AWG24 ID socket
R26
: AWG26 ID socket
R28
: AWG28 ID socket
DSA
: Straight through hole
DS
: Right angle through hole
q Number of Contact : 2 to 16, 20
w Connector Type
A: Discrete wire
e Cable Clamp Size
1.05: UL1007 AWG26, 28
1.33: UL1007 AWG24
●Contact
DF1
- 2428SCF
qw
q Applicable Cable Size
2428 : AWG 24 to 28
w Packaging Type
SCF : Socket contact, reel packaging / Tin plated
SC : Socket contact, bag packaging / Tin plated
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF1-7A1.05

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1-7A1.33 HIROSE-DF1-7A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
More results

Similar Description - DF1-7A1.05

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
HNC2-2.5P-2DSL HIROSE-HNC2-2.5P-2DSL Datasheet
210Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-2S-2.5R24 HIROSE-DF1-2S-2.5R24 Datasheet
238Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS Datasheet
398Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS_1 Datasheet
308Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1EC-4P-2.5DSA HIROSE-DF1EC-4P-2.5DSA Datasheet
309Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E HIROSE-DF1E Datasheet
369Kb / 14P
   2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com