Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1E Datasheet(PDF) 8 Page - Hirose Electric

Part # DF1E
Description  2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1E Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF1E Datasheet HTML 4Page - Hirose Electric DF1E Datasheet HTML 5Page - Hirose Electric DF1E Datasheet HTML 6Page - Hirose Electric DF1E Datasheet HTML 7Page - Hirose Electric DF1E Datasheet HTML 8Page - Hirose Electric DF1E Datasheet HTML 9Page - Hirose Electric DF1E Datasheet HTML 10Page - Hirose Electric DF1E Datasheet HTML 11Page - Hirose Electric DF1E Datasheet HTML 12Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
B153
DF1E Series
2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
5.8
D
( E + X )
Panel
Note 4
+0.1
0
+0.2
0
+0.1
0
■In-line Plug (Panel Mount Lock Type)
●Panel Cutout
Note 1 : A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the products per bag. However, the quantity
for delivery will be changed according to the Specific No.
Note 2 : In regard to 2 to 5 contacts, the retainer fixed convex portions are located at both ends.
Note 3 : In regard to 2 to 7 contacts, 2 convex portions are different from those in the above figures.
Note 4 : Use the no radius side at the panel edge in the looking area.
Note 5 : Panel fixation is loosened. (May be enlarged according to the panel board thickness.)
Note 6 : Styles of 2 to 4 contact partially differ from those in the above figures.
* Refer to page B156 for the retainer.
Part No.
No. of Contacts
A
B
C
D
E
RoHS
HRS No.
Contact
No. mark
Contact
No. mark
Contact No. mark
Mold Cavity
No. mark
Contact
No.1 indicated
3
5
7
9
10
1
P=2.5
B
A
2.8
2.8
C
A
10
Note 2
Note 3
DF1E-02EP-2.5C
DF1E-03EP-2.5C
DF1E-04EP-2.5C
DF1E-05EP-2.5C
DF1E-06EP-2.5C
DF1E-07EP-2.5C
DF1E-08EP-2.5C
DF1E-09EP-2.5C
DF1E-10EP-2.5C
541-0943 - 0
541-0944 - 3
541-0945 - 6
541-0946 - 9
541-0947 - 1
541-0948 - 4
541-0949 - 7
541-0950 - 6
541-0951 - 9
2
3
4
5
6
7
8
9
10
8.0
10.5
13.0
15.5
18.0
20.5
23.0
25.5
28.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
8.4
10.9
13.4
15.9
18.4
20.9
23.4
25.9
28.4
Photo: Contact Inserted.
1.7 to 2.0
1.3 to 1.6
0.9 to 1.2
0.7 to 0.8
Panel Thickness
1.5
1.0
0.5
0.0
X
11.9
14.4
16.9
19.4
21.9
24.4
26.9
29.4
31.9
Yes


Similar Part No. - DF1E

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1E-02EP-2.5C HIROSE-DF1E-02EP-2.5C Datasheet
308Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS Datasheet
398Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS Datasheet
308Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS_1 Datasheet
308Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02RS/P-2.5 HIROSE-DF1E-02RS/P-2.5 Datasheet
308Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
More results

Similar Description - DF1E

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS Datasheet
398Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS_1 Datasheet
308Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1EC-4P-2.5DSA HIROSE-DF1EC-4P-2.5DSA Datasheet
309Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
HNC2-2.5P-2DSL HIROSE-HNC2-2.5P-2DSL Datasheet
210Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-2S-2.5R24 HIROSE-DF1-2S-2.5R24 Datasheet
238Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com