Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1-6S-2.5R24(05) Datasheet(PDF) 7 Page - Hirose Electric

Part # DF1-6S-2.5R24(05)
Description  2.5mm Pitch Connector for Discrete Wire Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1-6S-2.5R24(05) Datasheet(HTML) 7 Page - Hirose Electric

  DF1-6S-2.5R24(05) Datasheet HTML 1Page - Hirose Electric DF1-6S-2.5R24(05) Datasheet HTML 2Page - Hirose Electric DF1-6S-2.5R24(05) Datasheet HTML 3Page - Hirose Electric DF1-6S-2.5R24(05) Datasheet HTML 4Page - Hirose Electric DF1-6S-2.5R24(05) Datasheet HTML 5Page - Hirose Electric DF1-6S-2.5R24(05) Datasheet HTML 6Page - Hirose Electric DF1-6S-2.5R24(05) Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
B182
DF1 Series
2.5mm Pitch Connector for Discrete Wire Connection
Part Number
CL No.
Height
Width
Depth
Weight
DF1 Connection Press HP513
550-0134-4
200mm 260mm 250mm
3.7kg
Protector Type
Applicable Jacket Diameter
Recommended Cable
DF1-*A1.33
Ø1.35 to Ø1.45
UL1007 AWG24
DF1-*A1.05
Ø1.1 to Ø1.35
UL1007 AWG26, 28
Part Number
CL No.
DF1 Cable Crimper
550-0130-3
BDF1 Connection Press
BDF1 Cable Crimper
BPrecautions
1. Recommended Soldering Condition
Flow: 250ç for 10 seconds
Manual soldering: 300ç for 3 seconds
2. Cleaning Condition
Refer to Nylon Connector Use Hand book.
3. Connection Condition
[Crimping]
Refer to Nylon Connector Use Hand book.
[ID]
●For the insulation displacement tool, set a set of connector per insulation displacement. If more
than 2 connectors have been set, they interrupt each other, which will cause an insulation
displacement failure.
●After the insulation displacement, make sure that the locks on both protector sides are
completely activated.
4. Precation
Slight variations in color of the plastic compounds do not affect form, fit or function of the connector.
5. Precation
Refer to Nylon Connector Use Hand book.
Note:The intermediate connection can be established by removing the
cable cuttingblade of this press machine.
Note:Select a protector after inspecting a cable Jacket diameter for use.
* indicates contact No.
Used to install the cable in the protector.
DF1 Connection Press HP513
DF1 Cable Crimper
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF1-6S-2.5R24(05)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1-6S-2.5R24 HIROSE-DF1-6S-2.5R24 Datasheet
238Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-6S-2.5R24 HIROSE-DF1-6S-2.5R24 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
More results

Similar Description - DF1-6S-2.5R24(05)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
HNC2-2.5P-2DSL HIROSE-HNC2-2.5P-2DSL Datasheet
210Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-2S-2.5R24 HIROSE-DF1-2S-2.5R24 Datasheet
238Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS Datasheet
398Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS_1 Datasheet
308Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1EC-4P-2.5DSA HIROSE-DF1EC-4P-2.5DSA Datasheet
309Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E HIROSE-DF1E Datasheet
369Kb / 14P
   2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com