Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC123EE Datasheet(PDF) 10 Page - ON Semiconductor

Part # DTC123EE
Description  Digital Transistors (BRT)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC123EE Datasheet(HTML) 10 Page - ON Semiconductor

Back Button DTC123EE Datasheet HTML 3Page - ON Semiconductor DTC123EE Datasheet HTML 4Page - ON Semiconductor DTC123EE Datasheet HTML 5Page - ON Semiconductor DTC123EE Datasheet HTML 6Page - ON Semiconductor DTC123EE Datasheet HTML 7Page - ON Semiconductor DTC123EE Datasheet HTML 8Page - ON Semiconductor DTC123EE Datasheet HTML 9Page - ON Semiconductor DTC123EE Datasheet HTML 10Page - ON Semiconductor DTC123EE Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MUN2231, MMUN2231L, MUN5231, DTC123EE, DTC123EM3, NSBC123EF3
www.onsemi.com
10
PACKAGE DIMENSIONS
SOT−723
CASE 631AA
ISSUE D
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.45
0.50
0.55
b
0.15
0.21
0.27
b1
0.25
0.31
0.37
C
0.07
0.12
0.17
D
1.15
1.20
1.25
E
0.75
0.80
0.85
e
0.40 BSC
H
1.15
1.20
1.25
L
E
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH. MINIMUM LEAD THICKNESS IS THE MINIMUM
THICKNESS OF BASE MATERIAL.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS.
D
b1
E
b
e
A
L
C
H
−Y−
−X−
X
0.08
Y
2X
E
1
2
3
STYLE 1:
PIN 1. BASE
2. EMITTER
3. COLLECTOR
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
L2
0.15
0.20
0.25
0.29 REF
3X
L2
3X
1
2X
TOP VIEW
BOTTOM VIEW
SIDE VIEW
RECOMMENDED
DIMENSIONS: MILLIMETERS
0.40
1.50
2X
PACKAGE
OUTLINE
0.27
2X
0.52
3X
0.36


Similar Part No. - DTC123EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123EE ROHM-DTC123EE Datasheet
85Kb / 4P
   Digital transistors (built-in resistors)
DTC123EE ROHM-DTC123EE Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistors
20160325 - Rev.001
logo
Weitron Technology
DTC123EE WEITRON-DTC123EE Datasheet
429Kb / 13P
   Bias Resistor Transistor NPN Silicon
logo
Rohm
DTC123EE ROHM-DTC123EE Datasheet
167Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
logo
Weitron Technology
DTC123EE WEITRON-DTC123EE Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
More results

Similar Description - DTC123EE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2213 ONSEMI-MUN2213_16 Datasheet
145Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2211 ONSEMI-MUN2211_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
MUN2112 ONSEMI-MUN2112_16 Datasheet
182Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2214 ONSEMI-MUN2214_16 Datasheet
141Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
MUN2135 ONSEMI-MUN2135_16 Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2130 ONSEMI-MUN2130_16 Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2131 ONSEMI-MUN2131_16 Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
MUN2240 ONSEMI-MUN2240_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2233 ONSEMI-MUN2233_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2232 ONSEMI-MUN2232_16 Datasheet
139Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
MUN2230 ONSEMI-MUN2230_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com