Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1-64PA-2.54DS Datasheet(PDF) 6 Page - Hirose Electric

Part # A1-64PA-2.54DS
Description  2.54mm Pitch High Density Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

A1-64PA-2.54DS Datasheet(HTML) 6 Page - Hirose Electric

  A1-64PA-2.54DS Datasheet HTML 1Page - Hirose Electric A1-64PA-2.54DS Datasheet HTML 2Page - Hirose Electric A1-64PA-2.54DS Datasheet HTML 3Page - Hirose Electric A1-64PA-2.54DS Datasheet HTML 4Page - Hirose Electric A1-64PA-2.54DS Datasheet HTML 5Page - Hirose Electric A1-64PA-2.54DS Datasheet HTML 6Page - Hirose Electric A1-64PA-2.54DS Datasheet HTML 7Page - Hirose Electric A1-64PA-2.54DS Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
C7
A1 and A2 Series
2.54mm Pitch High Density Connector
■ Crimping Socket
K Double Row Type
K Single Row Type
Part Number
A1-08D-2.54C
A1-10D-2.54C
A1-12D-2.54C
CL No.
619-0093-5
619-0091-0
619-0092-2
A
B
RoHS
10.16
12.70
15.24
07.62
10.16
12.70
YES
A1-*D-2.54C
Part Number
A2-5S-2.54C
A2-6S-2.54C
CL No.
620-0101-1
620-0102-4
A
B
RoHS
12.70
15.24
10.16
12.70
YES
A2-*S-2.54C
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - A1-64PA-2.54DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A1-64PA-2.54DS HIROSE-A1-64PA-2.54DS Datasheet
274Kb / 8P
   2.54mm Pitch High Density Connector
A1-64PA-2.54DS HIROSE-A1-64PA-2.54DS Datasheet
216Kb / 8P
   2.54mm Pitch High Density Connector
A1-64PA-2.54DSA HIROSE-A1-64PA-2.54DSA Datasheet
274Kb / 8P
   2.54mm Pitch High Density Connector
More results

Similar Description - A1-64PA-2.54DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A1-06PA-2.54DS HIROSE-A1-06PA-2.54DS Datasheet
274Kb / 8P
   2.54mm Pitch High Density Connector
A1 HIROSE-A1_18 Datasheet
216Kb / 8P
   2.54mm Pitch High Density Connector
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
Hirose Electric
DX30AM-50P HIROSE-DX30AM-50P Datasheet
1Mb / 18P
   HIGH-DENSITY I/O CONNECTOR
logo
Adam Technologies, Inc.
HMCA-B-184-G-SMT ADAM-TECH-HMCA-B-184-G-SMT Datasheet
109Kb / 1P
   HIGH DENSITY CARD EDGE CONNECTOR
logo
DDK Ltd.
17AE DDK-17AE Datasheet
273Kb / 7P
   High Density D-Subminiature Connector
logo
Japan Aviation Electron...
KN01 JAE-KN01 Datasheet
763Kb / 12P
   High-density, Waterproof Rectangular Connector
Jan.2022
logo
Hirose Electric
FH16-60S-0.3SHW HIROSE-FH16-60S-0.3SHW Datasheet
321Kb / 8P
   High Density FPC Connector (0.3mm/0.4mm/0.5mm Pitch)
logo
Vicor Corporation
MIL-COTS VICOR-MIL-COTS Datasheet
1Mb / 10P
   High density
logo
Molex Electronics Ltd.
30968-1129 MOLEX11-30968-1129 Datasheet
41Kb / 1P
   2.54mm Pitch, 0.64mm Width HDAC 64 High Density Automotive Crimp Housing,
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com