Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0761551633 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0761551633
Description  Impact 100 Ohm 4 Pair Vertical Backplane Header, Unguided, Right Endwall
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0761551633 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0761551633 Datasheet HTML 1Page - Molex Electronics Ltd. 0761551633 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 12/19/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0761551633
Status:
Active
Overview:
Impact™ Backplane Connector and Cable Assembly System
Description:
Impact™ 100 Ohm 4 Pair Vertical Backplane Header, Unguided, Right Endwall, 16
Columns, 192 Circuits, Pin Length 4.50mm, Plated Through Hole Dimension 0.46mm,
Lead-Free
Documents:
3D Model
Application Specification AS-76060-994-001 (PDF)
Drawing (PDF)
Application Specification AS-76060-9999-001 (PDF)
Product Specification PS-76060-999-001 (PDF)
Packaging Specification PK-70873-7701 (PDF)
Product Specification TS-76160-0001-001 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-76060-990-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
76155
Application
Conventional
Application Tooling Documents
TM-622018799
Component Type
PCB Header
Overview
Impact™ Backplane Connector and Cable Assembly
System
Product Name
Impact™
UPC
883906417390
Physical
Circuits (Loaded)
192
Circuits (maximum)
192
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
4.396/g
Number of Columns
16
Number of Pairs
4
Number of Rows
12
Orientation
Vertical
PC Tail Length
1.40mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.00mm
Packaging Type
Tray
Pitch - Mating Interface
1.90mm
Pitch - Termination Interface
1.90mm
Plating min - Mating
0.762µm
Polarized to PCB
No
Stackable
No
Temperature Range - Operating
-55°C to +85°C
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
76155 Series
Mates With
76160 Impact™ 100 Ohm Daughtercard
Use With
75234 Backplane Free Standing Guide Pin


Similar Part No. - 0761551633

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0761551634 MOLEX11-0761551634 Datasheet
50Kb / 2P
   Impact 100 Ohm 4 Pair Vertical Backplane Header, Unguided, Right Endwall
0761551634 MOLEX1-0761551634_17 Datasheet
50Kb / 2P
   Impact 100 Ohm 4 Pair Vertical Backplane Header, Unguided, Right Endwall
0761551635 MOLEX11-0761551635 Datasheet
50Kb / 2P
   Impact 100 Ohm 4 Pair Vertical Backplane Header, Unguided, Right Endwall
0761551635 MOLEX1-0761551635_17 Datasheet
50Kb / 2P
   Impact 100 Ohm 4 Pair Vertical Backplane Header, Unguided, Right Endwall
0761551636 MOLEX11-0761551636 Datasheet
50Kb / 2P
   Impact 100 Ohm 4 Pair Vertical Backplane Header, Unguided, Right Endwall
More results

Similar Description - 0761551633

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0761551336 MOLEX1-0761551336_17 Datasheet
41Kb / 2P
   Impact 100 Ohm 4 Pair Vertical Backplane Header, Unguided, Right Endwall
0761551134 MOLEX11-0761551134 Datasheet
44Kb / 2P
   Impact 100 Ohm 4 Pair Vertical Backplane Header, Unguided, Right Endwall
0761551336 MOLEX11-0761551336 Datasheet
41Kb / 2P
   Impact 100 Ohm 4 Pair Vertical Backplane Header, Unguided, Right Endwall
0761551634 MOLEX11-0761551634 Datasheet
50Kb / 2P
   Impact 100 Ohm 4 Pair Vertical Backplane Header, Unguided, Right Endwall
0761551838 MOLEX11-0761551838 Datasheet
45Kb / 2P
   Impact 100 Ohm 4 Pair Vertical Backplane Header, Unguided, Right Endwall
0761551134 MOLEX1-0761551134_17 Datasheet
44Kb / 2P
   Impact 100 Ohm 4 Pair Vertical Backplane Header, Unguided, Right Endwall
0761551137 MOLEX1-0761551137_17 Datasheet
44Kb / 2P
   Impact 100 Ohm 4 Pair Vertical Backplane Header, Unguided, Right Endwall
0761551138 MOLEX1-0761551138_17 Datasheet
44Kb / 2P
   Impact 100 Ohm 4 Pair Vertical Backplane Header, Unguided, Right Endwall
1712941338 MOLEX1-1712941338_17 Datasheet
41Kb / 2P
   Impact 100 Ohm 4 Pair Vertical Backplane Header, Unguided, Right Endwall
0761551836 MOLEX11-0761551836 Datasheet
45Kb / 2P
   Impact 100 Ohm 4 Pair Vertical Backplane Header, Unguided, Right Endwall
0761551634 MOLEX1-0761551634_17 Datasheet
50Kb / 2P
   Impact 100 Ohm 4 Pair Vertical Backplane Header, Unguided, Right Endwall
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com