Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

875105242006 Datasheet(PDF) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 875105242006
Description  WCAP-PSLP Aluminum Polymer Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

875105242006 Datasheet(HTML) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  875105242006 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 875105242006 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 875105242006 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 875105242006 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 875105242006 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 875105242006 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 875105242006 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 875105242006 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1.0
REV
2014-11-11
DATE
SSt
BY
PSL
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WCAP-PSLP Aluminum Polymer Capacitors
Order.- No.
875105242006
SIZE
A4
Size: 5.0 x 5.5
1.13 Maintenance
For industrial applications it is recommended to perform periodic inspections. Power supplies shall be turned off before inspection to dischar-
ge the capacitor. Check the following points in case of an inspection:
•Visual inspection of the capacitor to see, if the vent operated for pressure relief and if any leakage of electrolyte has taken place.
• Measurement of electrical characteristics of the capacitor (according to datasheet, especially leakage current, capacitance and dissipati-
on factor).
In case of deviation or failure according to the specified characteristics, take care to start appropriate actions (e.g. replacement of capacitor).
1.14 Emergency Case
In case of excessive pressure within the capacitor the vent may operate and release this pressure. In case of vent operation gas becomes visi-
ble, when the component is in operation. If so, directly turn off the application and disconnect it from the power source. If the application will
not be turned off, a possible short circuit of capacitor or a short circuit due to bridging of liquefied gas can possibly damage the circuit and in
worst case the application may be dramatically damaged.
Do not stay or position body or face above or in direction of the vent, because in the event of any vent operation, the releasing gas temperature
may have over 100 °C.
In case of contact with the electrolyte on skin, wash the skin immediately with soap and water. If the eyes will get in contact with the releasing
gas, immediately wash the eyes with water. Whether the gas was inhaled, directly use gargle.
1.14.1 Additional Requirements for Aluminum Polymer Capacitors
Circuits and Designs where the usage of Aluminum Polymer Capacitors is prohibited are:
a) High-impedance circuits
b) Coupling Circuits
c) Time Constant Circuits
Due to thermal stress the leakage of Aluminum Polymer Capacitor can vary within the above stated applications.
If you want to use two or more Aluminum Polymer Capacitors in series connection for circuit designs, which are significantly affected by leaka-
ge current, please contact our technical staff before usage.
1.15 Disposal
Please contact your local responsible or organization for proper disposal of capacitor.
Also take care to be compliant in order to your local governmental law and restrictions. In case incineration, it should be done with more than
800 °C. Lower temperatures at incineration can result in toxic gases (e.g. chlorine). To avoid any explosion of capacitor, punch holes into the
can or crush the capacitor before incineration.
I Cautions and Warnings (3):
The following conditions apply to all goods within the product series of WCAP-PSLP
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 875105242006

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
875105242004 WURTH-875105242004 Datasheet
1Mb / 8P
   WCAP-PSLP Aluminum Polymer Capacitors
875105242005 WURTH-875105242005 Datasheet
1Mb / 8P
   WCAP-PSLP Aluminum Polymer Capacitors
875105242007 WURTH-875105242007 Datasheet
1Mb / 8P
   WCAP-PSLP Aluminum Polymer Capacitors
875105242008 WURTH-875105242008 Datasheet
1Mb / 8P
   WCAP-PSLP Aluminum Polymer Capacitors
875105242009 WURTH-875105242009 Datasheet
1Mb / 8P
   WCAP-PSLP Aluminum Polymer Capacitors
More results

Similar Description - 875105242006

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
875105644004 WURTH-875105644004 Datasheet
286Kb / 7P
   WCAP-PSLP Aluminum Polymer Capacitors
875105444004 WURTH-875105444004 Datasheet
1Mb / 8P
   WCAP-PSLP Aluminum Polymer Capacitors
875105544003 WURTH-875105544003 Datasheet
1Mb / 8P
   WCAP-PSLP Aluminum Polymer Capacitors
875105145011 WURTH-875105145011 Datasheet
1Mb / 8P
   WCAP-PSLP Aluminum Polymer Capacitors
875105242004 WURTH-875105242004 Datasheet
1Mb / 8P
   WCAP-PSLP Aluminum Polymer Capacitors
875105244011 WURTH-875105244011 Datasheet
1Mb / 8P
   WCAP-PSLP Aluminum Polymer Capacitors
875105344006 WURTH-875105344006 Datasheet
1Mb / 8P
   WCAP-PSLP Aluminum Polymer Capacitors
875105245015 WURTH-875105245015 Datasheet
1Mb / 8P
   WCAP-PSLP Aluminum Polymer Capacitors
875105142005 WURTH-875105142005 Datasheet
1Mb / 8P
   WCAP-PSLP Aluminum Polymer Capacitors
875105142003 WURTH-875105142003 Datasheet
1Mb / 8P
   WCAP-PSLP Aluminum Polymer Capacitors
875105444001 WURTH-875105444001 Datasheet
1Mb / 8P
   WCAP-PSLP Aluminum Polymer Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com