Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

875075155008 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 875075155008
Description  WCAP-PSLC Aluminum Polymer Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

875075155008 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  875075155008 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 875075155008 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 875075155008 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 875075155008 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 875075155008 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 875075155008 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 875075155008 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 875075155008 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.0
REV
2014-11-11
DATE
SSt
BY
PSL
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WCAP-PSLC Aluminum Polymer Capacitors
Order.- No.
875075155008
SIZE
A4
Size: 8.0 x 11.7
A Dimensions: [mm]
L max.
D ±0.5
A ±0.2
B ±0.2
C max.
W ±0.1
E ±0.05
P ±0.2
11.7
8.0
8.3
8.3
0.15
0.9
0.35
3.1
a
b
c
2.8
4.2
1.9
B Recommended hole pattern: [mm]
C Schematic:
D1 Electrical Properties:
Properties
Capacitance
Rated voltage
Leakage current
Dissipation factor
ESR
Ripple current
Test conditions
0.25V; 120Hz
after 2 min.
120 Hz
100 kHz
100kHz @105°C
C
UR
ILeak
DF
RESR
Iripple
Value
680
6.3
856
8
8
5200
Unit
µF
V (DC)
μA
%
mA
Tol.
± 20%
max.
max.
typ.
max.
max.
E General information:
Aluminium Polymer Capacitors
Storage Conditions:
Operating Temperature:
Load Life:
Test conditions of Electrical Proper-
ties:
FIT according to
35°C, <45% RH
-55 °C up to +105 °C
2000 h @ +105°C / 6.3 V (DC)
20°C, 33% RH; if not specified differently
separate documentation
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 875075155008

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
875075155001 WURTH-875075155001 Datasheet
1Mb / 8P
   WCAP-PSLC Aluminum Polymer Capacitors
875075155002 WURTH-875075155002 Datasheet
1Mb / 8P
   WCAP-PSLC Aluminum Polymer Capacitors
875075155003 WURTH-875075155003 Datasheet
1Mb / 8P
   WCAP-PSLC Aluminum Polymer Capacitors
875075155004 WURTH-875075155004 Datasheet
1Mb / 8P
   WCAP-PSLC Aluminum Polymer Capacitors
875075155005 WURTH-875075155005 Datasheet
1Mb / 8P
   WCAP-PSLC Aluminum Polymer Capacitors
More results

Similar Description - 875075155008

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
875075355002 WURTH-875075355002 Datasheet
1Mb / 8P
   WCAP-PSLC Aluminum Polymer Capacitors
875075155006 WURTH-875075155006 Datasheet
1Mb / 8P
   WCAP-PSLC Aluminum Polymer Capacitors
875075655003 WURTH-875075655003 Datasheet
286Kb / 7P
   WCAP-PSLC Aluminum Polymer Capacitors
875075655006 WURTH-875075655006 Datasheet
286Kb / 7P
   WCAP-PSLC Aluminum Polymer Capacitors
875075661004 WURTH-875075661004 Datasheet
286Kb / 7P
   WCAP-PSLC Aluminum Polymer Capacitors
875075661008 WURTH-875075661008 Datasheet
286Kb / 7P
   WCAP-PSLC Aluminum Polymer Capacitors
875075561008 WURTH-875075561008 Datasheet
1Mb / 8P
   WCAP-PSLC Aluminum Polymer Capacitors
1.0 2014-11-11
875075861003 WURTH-875075861003 Datasheet
698Kb / 9P
   WCAP-PSLC Aluminum Polymer Capacitors
002.000
875075655006 WURTH-875075655006_V01 Datasheet
698Kb / 9P
   WCAP-PSLC Aluminum Polymer Capacitors
002.000
875075155001 WURTH-875075155001 Datasheet
1Mb / 8P
   WCAP-PSLC Aluminum Polymer Capacitors
875075155003 WURTH-875075155003 Datasheet
1Mb / 8P
   WCAP-PSLC Aluminum Polymer Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com