Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJLJF3117P Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJLJF3117P
Description  P-channel MOSFET and Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJLJF3117P Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJLJF3117P Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJLJF3117P Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJLJF3117P Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJLJF3117P Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJLJF3117P Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJLJF3117P Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
www.cj-elec.com
1
F,Aug,2015
CJLJF3117P P-channel MOSFET and Schottky Barrier Diode
FEATURE
APPLICATION
MARKING
Maximum ratings (Ta=25
℃ unless otherwise noted)
DFNWB2X2-6L-A Power Management MOSFETS-Schottky
V(BR)DSS/VR
RDS(on)MAX
ID/IO
-20V
100mΩ@-4.5V
-3.3A 
135mΩ@-2.5V
250mΩ@-1.8V 
Equivalent Circuit
3
4
5
D
S
G
2
1
A
6
K
*Repetitive rating:Pluse width limited by junction temperature.
Symbol Para
meter
Value
Unit
P-MOSFET
VDS
Drain-Source Voltage
-20
V
VGS
Gate-Source Voltage
±8
V
ID
Continuous Drain Current
-3.3
A
IDM*
Pulse Drain Current
-10
A
Schottky Barrier Diode
VRRM
Peak Repetitive Reverse Voltage
30
V
VR
DC Blocking Voltage
30
V
IO
Average Rectified Forward Current
2
A
Power Dissipation, Temperature and Thermal Resistance
PD
Power Dissipation
0.75
W
RθJA
Thermal Resistance from Junction to Ambient
83.3
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
TL
Lead Temperature for Soldering Purposes(1/8’’ from case for 10 s)
260
DFNWB2×2-6L-A
Optimized for Portable Applications Like Cell
Phones,Digital Cameras,Media Players,etc
DC-DC Buck Circuits
Li-ion Battery Applications
Color Display and Camera Flash Regulators
Independent Pinout to Each Device to
Ease Circuit Design
High Current Schottky Diode
30V
/
2A 


Similar Part No. - CJLJF3117P

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJLJF3117P ZPSEMI-CJLJF3117P Datasheet
1Mb / 4P
   P-channel MOSFET and Schottky Barrier Diode
logo
Jiangsu Changjiang Elec...
CJLJF3117PB JIANGSU-CJLJF3117PB Datasheet
728Kb / 6P
   P-channel MOSFET and Schottky Barrier Diode
More results

Similar Description - CJLJF3117P

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ5853DC JIANGSU-CJ5853DC Datasheet
1Mb / 6P
   P-channel MOSFET and Schottky Barrier Diode
CJLJF3117PB JIANGSU-CJLJF3117PB Datasheet
728Kb / 6P
   P-channel MOSFET and Schottky Barrier Diode
logo
ZP Semiconductor
CJHD4P02F ZPSEMI-CJHD4P02F Datasheet
763Kb / 2P
   P-channel MOSFET and Schottky Barrier Diode
CJLJF3117P ZPSEMI-CJLJF3117P Datasheet
1Mb / 4P
   P-channel MOSFET and Schottky Barrier Diode
CJHD3101F ZPSEMI-CJHD3101F Datasheet
963Kb / 2P
   P-channel MOSFET and Schottky Barrier Diode
logo
Jiangsu Changjiang Elec...
CJ5853DCB JIANGSU-CJ5853DCB Datasheet
1Mb / 6P
   P-channel MOSFET and Schottky Barrier Diode
logo
Sanyo Semicon Device
MCH5818 SANYO-MCH5818 Datasheet
40Kb / 5P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
VEC2815 SANYO-VEC2815 Datasheet
72Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
logo
Fairchild Semiconductor
FDFS2P102 FAIRCHILD-FDFS2P102 Datasheet
87Kb / 5P
   Integrated P-Channel MOSFET and Schottky Diode
logo
Sanyo Semicon Device
CPH5852 SANYO-CPH5852 Datasheet
56Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com