Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJL8820 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJL8820
Description  Dual N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJL8820 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJL8820 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJL8820 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJL8820 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJL8820 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJL8820 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC PARAMETERS
Drain-source breakdown voltage
V (BR) DSS
VGS = 0V, ID =250µA
20
V
Zero gate voltage drain current
IDSS
VDS =16V,VGS = 0V
1
µA
Gate-body leakage current
IGSS
VGS =±10V, VDS = 0V
±10
µA
Gate threshold voltage (note 1)
VGS(th)
VDS =VGS, ID =250µA
0.5
1.1
V
Drain-source on-resistance (note 1)
RDS(on)
VGS =10V, ID =7A
21
mΩ
VGS =4.5V, ID =6.6A
24
mΩ
VGS =3.8V, ID =6A
28
mΩ
VGS =2.5V, ID =5.5A
32
mΩ
VGS =1.8V, ID =2A
50
mΩ
Forward tranconductance (note 1)
gFS
VDS =5V, ID =7A
9
S
Diode forward voltage(note 1)
VSD
IS=1A, VGS = 0V
1
V
DYNAMIC PARAMETERS
(note 2)
Input Capacitance
Ciss
VDS =10V,VGS =0V,f =1MHz
650
pF
Output Capacitance
Coss
140
pF
Reverse Transfer Capacitance
Crss
60
pF
Total gate charge
Qg
VDS =10V,VGS =4.5V,ID =6A
8
nC
Gate-source charge
Qgs
2.5
nC
Gate-drain charge
Qgd
3
nC
SWITCHING PARAMETERS
(note 2)
Turn-on delay time
td(on)
VGS=5V,VDD=10V,
RL=1.5Ω,RGEN=3Ω
0.5
ns
Turn-on rise time
tr
1
ns
Turn-off delay time
td(off)
12
ns
Turn-off fall time
tf
4
ns
Notes :
1.
Pulse Test : Pulse width≤300µs, duty cycle≤0.5%.
2.
Guaranteed by design, not subject to production testing.
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
unless otherwise specified
www.cj-elec.com
2
F,May,2015


Similar Part No. - CJL8820

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJL8820 ZPSEMI-CJL8820 Datasheet
1Mb / 3P
   D ual N-Channel MOSFET
More results

Similar Description - CJL8820

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com