Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJL2623 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJL2623
Description  Dual P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJL2623 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJL2623 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJL2623 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJL2623 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJL2623 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJL2623 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.cj-elec.com
2
C,May,2015
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC PARAMETERS
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =-250µA
-30
V
Zero gate voltage drain current
IDSS
VDS =-30V,VGS = 0V
-1
µA
Gate-body leakage current
IGSS
VGS =±20V, VDS = 0V
±100
nA
Gate threshold voltage
VGS(th)
VDS =VGS, ID =-250µA
-1
-3
V
Drain-source on-resistance (note 3)
RDS(on)
VGS =-10V, ID =-3A
130
mΩ
VGS =-4.5V, ID =-2A
180
mΩ
Forward tranconductance
gFS
VDS =-5V, ID =-2A
2
S
Diode forward voltage (note 3)
VSD
IS=-1A, VGS = 0V
-1.2
V
DYNAMIC PARAMETERS
(note 4)
Input Capacitance
Ciss
VDS =-25V,VGS =0V,f =1MHz
240
pF
Output Capacitance
Coss
42
pF
Reverse Transfer Capacitance
Crss
32
pF
SWITCHING PARAMETERS
(note 3,4)
Turn-on delay time
td(on)
VDD=-15V,VGS=-10V,ID=-1A
RD=15Ω,RG=3.3Ω
5
ns
Turn-on rise time
tr
6
ns
Turn-off delay time
td(off)
15
ns
Turn-off fall time
tf
3
ns
Total Gate Charge
Qg
VDS =-24V,VGS =-4.5V,ID=-2A
4.5
nC
Gate-Source Charge
Qgs
0.5
nC
Gate-Drain Charge
Qgd
1.4
nC
Notes :
3. Pulse Test : Pulse width≤300μs, duty cycle≤2%.
4. Graranted by design,not subject to production testing.


Similar Part No. - CJL2623

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJL2301 JIANGSU-CJL2301 Datasheet
850Kb / 5P
   Dual P-Channel MOSFET
More results

Similar Description - CJL2623

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO6801A-HF KEXIN-AO6801A-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
ELM Electronics
ELM57801GA-S ELM-ELM57801GA-S Datasheet
1Mb / 5P
   Dual P-channel MOSFET
ELM34803AA-N ELM-ELM34803AA-N Datasheet
1Mb / 4P
   Dual P-channel MOSFET
logo
ELM Technology Corporat...
ELM18807BA-S ELM-TECH-ELM18807BA-S Datasheet
393Kb / 4P
   Dual P-channel MOSFET
ELM14813AA-N ELM-TECH-ELM14813AA-N Datasheet
96Kb / 4P
   Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO4817-HF KEXIN-AO4817-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
AO4821 KEXIN-AO4821 Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
AO4807 KEXIN-AO4807 Datasheet
2Mb / 5P
   Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM680P06D TSC-TSM680P06D Datasheet
461Kb / 6P
   Dual P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4801A-HF KEXIN-AO4801A-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4805 UMW-AO4805 Datasheet
508Kb / 6P
   Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com