Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3876T Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3876T
Description  LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3876T Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM3876T Datasheet HTML 5Page - National Semiconductor (TI) LM3876T Datasheet HTML 6Page - National Semiconductor (TI) LM3876T Datasheet HTML 7Page - National Semiconductor (TI) LM3876T Datasheet HTML 8Page - National Semiconductor (TI) LM3876T Datasheet HTML 9Page - National Semiconductor (TI) LM3876T Datasheet HTML 10Page - National Semiconductor (TI) LM3876T Datasheet HTML 11Page - National Semiconductor (TI) LM3876T Datasheet HTML 12Page - National Semiconductor (TI) LM3876T Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Typical Performance Characteristics (Continued)
THD+N vs Frequency
DS011832-29
THD+N vs Output Power
DS011832-30
THD+N vs Output Power
DS011832-31
THD+N Distribution
DS011832-32
THD+N Distribution
DS011832-33
Output Power vs
Load Resistance
DS011832-34
Max Heatsink Thermal Resistance (˚C/W)
at the Specified Ambient Temperature (˚C)
PDmaxr vs Supply Voltage
DS011832-9
Note: The maximum heat sink thermal resistance values, øSA, in the table above were calculated using a øCS = 0.2˚C/W due to thermal compound
www.national.com
9


Similar Part No. - LM3876T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3876T NSC-LM3876T Datasheet
1Mb / 22P
   Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM3876T/NOPB TI1-LM3876T/NOPB Datasheet
937Kb / 29P
[Old version datasheet]   LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
logo
National Semiconductor ...
LM3876TF NSC-LM3876TF Datasheet
1Mb / 22P
   Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM3876TF/NOPB TI1-LM3876TF/NOPB Datasheet
937Kb / 29P
[Old version datasheet]   LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
More results

Similar Description - LM3876T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3876 TI1-LM3876 Datasheet
937Kb / 29P
[Old version datasheet]   LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
logo
National Semiconductor ...
LM3876 NSC-LM3876_00 Datasheet
1Mb / 22P
   Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876_00 Datasheet
658Kb / 22P
   Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM3875 TI1-LM3875 Datasheet
835Kb / 29P
[Old version datasheet]   LM3875 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
logo
National Semiconductor ...
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
   Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM3886 NSC-LM3886_03 Datasheet
846Kb / 24P
   Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
LM3886 NSC-LM3886 Datasheet
745Kb / 20P
   Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM3886 TI1-LM3886 Datasheet
1Mb / 31P
[Old version datasheet]   LM3886 Overture Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
logo
National Semiconductor ...
LM3875 NSC-LM3875 Datasheet
1,001Kb / 20P
   OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
logo
Texas Instruments
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
[Old version datasheet]    Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com