Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ5853DCB Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ5853DCB
Description  P-channel MOSFET and Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ5853DCB Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ5853DCB Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ5853DCB Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ5853DCB Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ5853DCB Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ5853DCB Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ5853DCB Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
P-MOSFET
STATIC PARAMETERS
Drain-source breakdown voltage
V (BR)DSS
VGS =0V, ID=-250µA
-20
V
Zero gate voltage drain current
IDSS
VDS =-16V,VGS = 0V
-1
µA
Gate-body leakage current
IGSS
VGS =±8V, VDS = 0V
±100
nA
Gate threshold voltage
VGS(th)
VDS =VGS, ID =-250µA
-0.45
V
Drain-source on-resistance(note1)
RDS(on)
VGS =-4.5V, ID =-2.7A
110
mΩ
VGS =-2.5V, ID =-2.2A
160
mΩ
VGS =-1.8V, ID =-1A
240
mΩ
Forward transconductance(note1)
gFS
VDS=-10V,ID=-2.7A
7
S
Diode forward voltage(note1)
VSD
IS=-0.9A, VGS = 0V
-1.2
V
DYNAMIC PARAMETERS (note 2)
Input capacitance
Ciss
VDS =-10V,VGS =0V,f =1MHz
300
pF
Output capacitance
Coss
150
pF
Reverse transfer capacitance
Crss
50
pF
SWITCHING PARAMETERS (note 2)
Turn-on delay time
td(on)
VGS=-4.5V,VDD=-10V,
RL=10Ω,RG=6Ω, ID=-1A
25
ns
Turn-on rise time
tr
45
ns
Turn-off delay time
td(off)
45
ns
Turn-off fall time
tf
40
ns
Total Gate Charge
Qg
VDS =-10V,VGS =-4.5V,
ID =-2.7A
6.5
nC
Gate-Source Charge
Qgs
1.4
nC
Gate-Drain Charge
Qgd
0.65
nC
SCHOTTKY BARRIER DIODE
Forward voltage
VF
IF=0.5A
0.48
V
Reverse current
IR
VR=20V
100
µA
Junction capacitance
Cj
VR=10V,f=1MHz
41
pF
Note:
1.Pulse test: pulse width =300μs, duty cycle≤ 2%
2.These parameters have no way to verify.
www.cj-elec.com
2
A,May,2015
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified


Similar Part No. - CJ5853DCB

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ5853DC ZPSEMI-CJ5853DC Datasheet
1Mb / 4P
   DFNWB3횞2-08L-B Power Management MOSFETs-Schottky
logo
Jiangsu Changjiang Elec...
CJ5853DC JIANGSU-CJ5853DC Datasheet
1Mb / 6P
   P-channel MOSFET and Schottky Barrier Diode
More results

Similar Description - CJ5853DCB

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ5853DC JIANGSU-CJ5853DC Datasheet
1Mb / 6P
   P-channel MOSFET and Schottky Barrier Diode
CJLJF3117PB JIANGSU-CJLJF3117PB Datasheet
728Kb / 6P
   P-channel MOSFET and Schottky Barrier Diode
logo
ZP Semiconductor
CJHD4P02F ZPSEMI-CJHD4P02F Datasheet
763Kb / 2P
   P-channel MOSFET and Schottky Barrier Diode
CJLJF3117P ZPSEMI-CJLJF3117P Datasheet
1Mb / 4P
   P-channel MOSFET and Schottky Barrier Diode
CJHD3101F ZPSEMI-CJHD3101F Datasheet
963Kb / 2P
   P-channel MOSFET and Schottky Barrier Diode
logo
Jiangsu Changjiang Elec...
CJLJF3117P JIANGSU-CJLJF3117P Datasheet
812Kb / 6P
   P-channel MOSFET and Schottky Barrier Diode
logo
Sanyo Semicon Device
MCH5818 SANYO-MCH5818 Datasheet
40Kb / 5P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
VEC2815 SANYO-VEC2815 Datasheet
72Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
logo
Fairchild Semiconductor
FDFS2P102 FAIRCHILD-FDFS2P102 Datasheet
87Kb / 5P
   Integrated P-Channel MOSFET and Schottky Diode
logo
Sanyo Semicon Device
CPH5852 SANYO-CPH5852 Datasheet
56Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com